Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZR431LC02STOB Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZR431LC02STOB
Description  Adjustable precision shunt regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZR431LC02STOB Datasheet(HTML) 5 Page - Diodes Incorporated

  ZR431LC02STOB Datasheet HTML 1Page - Diodes Incorporated ZR431LC02STOB Datasheet HTML 2Page - Diodes Incorporated ZR431LC02STOB Datasheet HTML 3Page - Diodes Incorporated ZR431LC02STOB Datasheet HTML 4Page - Diodes Incorporated ZR431LC02STOB Datasheet HTML 5Page - Diodes Incorporated ZR431LC02STOB Datasheet HTML 6Page - Diodes Incorporated ZR431LC02STOB Datasheet HTML 7Page - Diodes Incorporated ZR431LC02STOB Datasheet HTML 8Page - Diodes Incorporated ZR431LC02STOB Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ZR431L
Issue 3 - April 2008
5
www.zetex.com
© Zetex Semiconductors plc 2008
Typical characteristics
Ambient temperature (°C)
Power dissipation derating
350
300
250
200
150
100
50
-40
-25
-10
-5
20
35
50
65
80
95
110
125
Reference Current v Temperature
80
-40
-25
-10
5
20
35
50
65
80
95
110
125
90
100
110
120
130
140
Temperature (°C)
Minimum cathode current vs temperature
16
-40
-25
-10
5
20
35
50
65
80
95
110
125
18
20
22
24
26
Temperature (°C)
Dynamic impedance vs frequency
0.1
0.1
1
10
100
1
10
100
Frequency (kHz)
V
REF = VKA
I
K = 1mA
I
K = 10mA
Change in reference voltage vs Cathode voltage
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0
1
8
6
4
2
0
Cathode voltage (V)
Reference voltage vs Temperature
1.232
-42
-25
-10
5
20
35
50
65
80
95
110
125
1.234
1.236
1.238
1.24
1.242
1.244
Temperature (°C)


Similar Part No. - ZR431LC02STOB

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR431LC02STOB ZETEX-ZR431LC02STOB Datasheet
324Kb / 9P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - ZR431LC02STOB

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com