Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS3020HE Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SS3020HE
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS3020HE Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SS3020HE Datasheet HTML 1Page - Pan Jit International Inc. SS3020HE Datasheet HTML 2Page - Pan Jit International Inc. SS3020HE Datasheet HTML 3Page - Pan Jit International Inc. SS3020HE Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS3020HE SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Metal to silicon rectifier. majority carrier conduction
• Low power loss,high efficiency
• High surge capacity
• For use in low voltage high frequency inverters, free wheeling,
and polarity protection applications
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Case: SOD-123HE molded plastic
Terminals:Solder plated, solderable per MIL-STD-750,Method 2026
Polarity: Color band cathode
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Resistive or inductive load.
NOTES:
1. Pulse Test with PW =300µsec, 1% Duty Cycle.
2. Mounted on P.C. Board with 8.0mm2 (.013mm thick) copper pad areas.
Unit:inch(mm)
0.114(2.90)
0.106(2.70)
0.040(1.00)
0.031(0.80)
0.154(3.90)
0.137(3.50)
0.091(2.30)
0.074(1.90)
0.048(1.20)
0.031(0.80)
VOLTAGE
20~200 Volts
CURRENT
3.0 Amperes
1
2
Cathode
Anode
PA RA ME TE R
S YMB OL
S S 3 020-
HE
SS3 03 0 -
HE
S S 3 040-
HE
S S 3060 -
HE
S S 3 0100-
HE
S S 30150-
HE
S S 3 0200-
HE
UNITS
Mark ing Cod e
EA
EB
EC
ED
EF
EH
EJ
Ma xi mum Re curre nt P e a k Re ve rse Vo lta g e
V
RRM
20
30
40
60
1 00
1 50
200
V
Ma xi mum RMS Vo lta g e
V
RMS
14
21
28
42
70
1 05
1 40
V
Ma xi mum D C B lo c k i ng Vo lta g e
V
DC
20
30
40
60
1 00
1 50
200
V
Ma xi mum A verage F orwa rd C urre nt a t
TL=7 5 OC
I
F(AV )
3.0
A
P eak Forward S urge C urrent : 8.3ms si ng le
ha lf si ne-wave superi mposed on rated
lo ad (J ED EC me tho d )
I
FS M
80
A
Ma xi mum F orward Voltag e at 3.0A ( Note 1)
V
F
0.52
0.65
0 .8
0 .86
0.86
V
Ma xi mum D C Re ve rs e C urre nt T J=2 5 OCI
R
160
100
20
20
20
μA
Typi cal Thermal Re si sta nce ( Note 2)
Rθ
JL
Rθ
JA
20
10 5
OC / W
Operati ng Juncti on Temperature Range
T
J
-55 to +125
OC
S tora ge Tempe rature Range
T
STG
-55 to +125
OC
REV.0.8-JAN.08.2010
PAGE . 1


Similar Part No. - SS3020HE

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS3020HE PANJIT-SS3020HE_16 Datasheet
423Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS3020HE_R1_00001 PANJIT-SS3020HE_R1_00001 Datasheet
423Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SS3020HE_R2_00001 PANJIT-SS3020HE_R2_00001 Datasheet
423Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS3020HE

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com