Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX25 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MCIMX25
Description  i.MX25 Applications Processor for Automotive Products
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX25 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MCIMX25_11 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX25_11 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 140 page
background image
i.MX25 Applications Processor for Automotive Products, Rev. 8
Freescale Semiconductor
3
1.1
Ordering Information
Table 1 provides ordering information for the i.MX25.
Table 2 shows the functional differences between the different parts in the i.MX25 family.
Table 1. Ordering Information1
1 Because of an order from the United States International Trade Commission, BGA-packaged product lines and part numbers
indicated here currently are not available from Freescale for import or sale in the United States prior to September 2010:
Indicated by the Icon (!)
Description
Part Number
Silicon
Version
Projected
Temperature
Range (
°C)
Package
Ballmap
i.MX251
MCIMX251AVM4!
1.1
–40 to +85
17 x 17 mm, 0.8 mm pitch,
MAPBGA-400
Table 103
i.MX255
MCIMX255AVM4!
1.1
–40 to +85
17 x 17 mm, 0.8 mm pitch,
MAPBGA-400
Table 103
i.MX251
MCIMX251AJM4
1.1
–40 to +85
17 x 17 mm, 0.8 mm pitch,
MAPBGA-400
Table 103
i.MX255
MCIMX255AJM4
1.1
–40 to +85
17 x 17 mm, 0.8 mm pitch,
MAPBGA-400
Table 103
i.MX251
MCIMX251AJM4A
1.2
–40 to +85
17 x 17 mm, 0.8 mm pitch,
MAPBGA-400
Table 103
i.MX255
MCIMX255AJM4A
1.2
–40 to +85
17 x 17 mm, 0.8 mm pitch,
MAPBGA-400
Table 103
Table 2. i.MX25 Parts Functional Differences
Features
MCIMX251
MCIMX255
Core
ARM926EJ-S™
ARM926EJ-S™
CPU Speed
400 MHz
400MHz
L1 I/D Cache
16K I/D
16K I/D
On-chip SRAM
128 KB
128 KB
PATA/CE-ATA
Yes
LCD Controller
Yes
Touchscreen
Yes
CSI
Yes
FlexCAN (2)
Yes
Yes
ESAI
Yes
Yes
SIM (2)
Yes
Yes
Security
Yes
Yes
10/100 Ethernet
Yes
Yes
HS USB 2.0 OTG + PHY
Yes
Yes
HS USB 2.0 Host + PHY
Yes
Yes


Similar Part No. - MCIMX25_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_1 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 134P
   i.MX25 Applications Processor for Automotive Products
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
More results

Similar Description - MCIMX25_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 134P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Automotive Products
logo
NXP Semiconductors
IMX25AEC NXP-IMX25AEC Datasheet
1Mb / 140P
   i.MX25 Applications Processor for Automotive Products
Rev. 10, 06/2013
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_1 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX257DJM4A FREESCALE-MCIMX257DJM4A Datasheet
2Mb / 153P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25 FREESCALE-MCIMX25_09 Datasheet
3Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX35 FREESCALE-MCIMX35 Datasheet
1Mb / 140P
   Multimedia Applications Processor for Automotive Products
MCIMX25LPDKJ FREESCALE-MCIMX25LPDKJ Datasheet
254Kb / 2P
   Freescale Product Development Kit (PDK) for the i.MX25 Applications Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com