Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08GW64 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC9S08GW64
Description  HC08 instruction set with added BGND instruction
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08GW64 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC9S08GW64_11 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08GW64_11 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08GW64_11 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08GW64_11 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08GW64_11 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9S08GW64_11 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9S08GW64_11 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9S08GW64_11 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC9S08GW64_11 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Electrical Characteristics
MC9S08GW64 Series MCU Data Sheet, Rev. 3
Freescale Semiconductor
11
high-impedance circuit. Reliability of operation is enhanced if unused inputs are tied to an appropriate logic voltage level (for
instance, either VSS or VDD) or the programmable pull-up resistor associated with the pin is enabled.
3.4
Thermal Characteristics
This section provides information about operating temperature range, power dissipation, and package thermal resistance. Power
dissipation on I/O pins is usually small compared to the power dissipation in on-chip logic and voltage regulator circuits, and
it is user-determined rather than being controlled by the MCU design. To take PI/O into account in power calculations, determine
the difference between actual pin voltage and VSS or VDD and multiply by the pin current for each I/O pin. Except in cases of
unusually high pin current (heavy loads), the difference between pin voltage and VSS or VDD will be very small.
Table 4. Absolute Maximum Ratings
Rating
Symbol
Value
Unit
Supply voltage
VDD
–0.3 to +3.8
V
Maximum current into VDD
IDD
120
mA
Digital input voltage
VIn
–0.3 to VDD +0.3
V
Instantaneous maximum current
Single pin limit (applies to all port pins except PTA5
and PTB1)1, 2, 3
1
Input must be current limited to the value specified. To determine the value of the required
current-limiting resistor, calculate resistance values for positive (VDD) and negative (VSS) clamp
voltages, then use the larger of the two resistance values.
2 All functional non-supply pins are internally clamped to V
SS and VDD.
3 Power supply must maintain regulation within operating V
DD range during instantaneous and
operating maximum current conditions. If positive injection current (VIn > VDD) is greater than
IDD, the injection current may flow out of VDD and could result in external power supply going
out of regulation. Ensure external VDD load will shunt current greater than maximum injection
current. This will be the greatest risk when the MCU is not consuming power. Examples are: if
no system clock is present, or if the clock rate is very low (which would reduce overall power
consumption).
ID
 25
mA
Instantaneous maximum current
Single pin limit (applies to PTA5 and PTB1)1,2,3
ID
 50
mA
Storage temperature range
Tstg
–55 to 150
C
Table 5. Thermal Characteristics
Rating
Symbol
Value
Unit
Operating temperature range
(packaged)
TA
TL to TH
–40 to 85
C
Maximum junction temperature
TJ
95
C
Thermal resistance
Single-layer board
80-pin LQFP
JA
61
C/W
64-pin LQFP
70
Thermal resistance
Four-layer board
80-pin LQFP
JA
48
C/W
64-pin LQFP
52


Similar Part No. - MC9S08GW64_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08GW64CLH FREESCALE-MC9S08GW64CLH Datasheet
839Kb / 38P
   Covers: MC9S08GW64 and MC9S08GW32
MC9S08GW64CLK FREESCALE-MC9S08GW64CLK Datasheet
839Kb / 38P
   Covers: MC9S08GW64 and MC9S08GW32
More results

Similar Description - MC9S08GW64_11

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
S9S08DZ32F1CLH FREESCALE-S9S08DZ32F1CLH Datasheet
2Mb / 416P
   HC08 instruction set with added BGND instruction
logo
STMicroelectronics
STLUX385 STMICROELECTRONICS-STLUX385 Datasheet
171Kb / 10P
   Extended instruction set
February 2013 Rev 2
STM8S007C8 STMICROELECTRONICS-STM8S007C8 Datasheet
1Mb / 92P
   Extended instruction set
March 2015 Rev 5
STM8S005C6 STMICROELECTRONICS-STM8S005C6 Datasheet
1Mb / 97P
   Extended instruction set
March 2015 Rev 4
logo
Samsung semiconductor
S3C72G9 SAMSUNG-S3C72G9 Datasheet
1,011Kb / 96P
   SAM47 INSTRUCTION SET
logo
STMicroelectronics
STM8S003F3 STMICROELECTRONICS-STM8S003F3 Datasheet
1Mb / 104P
   Extended instruction set
May 2017 Rev 9
STM8S105C4 STMICROELECTRONICS-STM8S105C4 Datasheet
1Mb / 121P
   Extended instruction set
September 2015 Rev 15
logo
Samsung semiconductor
S3C9442 SAMSUNG-S3C9442 Datasheet
259Kb / 50P
   SAM88RCRI INSTRUCTION SET
logo
STMicroelectronics
ST20-C1 STMICROELECTRONICS-ST20-C1 Datasheet
856Kb / 205P
   Instruction Set Reference Manual
ST20C2 STMICROELECTRONICS-ST20C2 Datasheet
647Kb / 212P
   Instruction Set Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com