Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34704AEP Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC34704AEP
Description  Multiple Channel DC-DC Power Management IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34704AEP Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC34704AEP Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34704AEP Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34704AEP Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34704AEP Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34704AEP Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34704AEP Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34704AEP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34704AEP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34704AEP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
34704
PIN CONNECTIONS
11
A/B
PVIN3
Power
REG3 power supply input
voltage
This is the connection to the drain of the high side switch FET.
Input decoupling /filtering is required for proper REG3 operation.
Use a 10uf decoupling capacitor for better performance.
12
A/B
SW3
Output
REG3 switching node
The inductor is connected between this pin and the regulated
REG3 output.
13
A/B
VOUT3
Output
REG3 output voltage
return pin
This is the discharge path of REG3 output voltage.
14
A/B
FB3
Input
REG3 voltage feedback
input for voltage
regulation/programming
Connect the feedback resistor divider to this pin.
15
A/B
SS
Input
Soft start time
The soft start time for all regulators can be adjusted by
connecting this pin to an external resistor divider between VDDI
and AGND pins.
16
A/B
FREQ
Input
Oscillator frequency
The oscillator frequency can be adjusted by connecting this pin
to an external resistor divider between VDDI and AGND pins.
This pin sets FSW1 value.
17
A/B
FB8
Input
REG8 voltage feedback
input for voltage
regulation/programming
Connect the feedback resistor divider to this pin.
18
A/B
BT8
Passive
REG8 bootstrap capacitor
input pin
Connect a 0.01
μF capacitor between this pin and SW8 pin to
enhance the gate of the Synchronous Power MOSFET.
19
A/B
VOUT8
Output
REG8 regulated output
voltage pin
Connect this pin directly to the load directly and to the output
filter as close to the pin as possible.
20
A/B
SW8
Output
REG8 switching node
The inductor is connected between this pin and the VIN pin.
21
A/B
SW1
Output
REG1 switching node
The inductor is connected between this pin and the VIN Pin.
22
A/B
VG
Passive
REG1 regulated output
voltage before the cutoff
switch
REG1 regulated output voltage before the cut-off switch. This
supplies the internal circuits and the gate drive
23(1)
A
VOUT1
Output
REG1 regulated output
voltage pin.
Connect this pin directly to the load directly and to the output
filter as close to the pin as possible.
B
NC0
No Connect
-
Pin 23 is not connected.
24
A/B
BT1
Passive
REG1 bootstrap capacitor
input pin
Connect a 1.0
μF capacitor between this pin and SW1 pin to
enhance the gate of the Switch Power MOSFET.
25
A/B
SCL
Input/Output
I2C serial interface clock
input
I2C serial interface clock input.
26
A/B
SDA
Input/Output
I2C serial interface data
input
I2C serial interface data input.
27
A/B
RST
Open Drain
Power reset output signal
(Microprocessor Reset)
This is an open drain output and must be pulled up by an
external resistor to a supply voltage like VIN.
28
A
COMP7
Passive
REG7 compensation
network connection
REG7 compensation network connection.
B
NC1
No Connect
-
Pin 28 is not connected
29
A
VREF7
Output
REG7 resistor feedback
network reference voltage
Connect this pin to the bottom of the feedback resistor divider.
B
NC2
No Connect
-
Pin 29 is not connected
Table 2. 34704 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 17.
Pin Number Device Pin Name Pin Function
Formal Name
Definition


Similar Part No. - MC34704AEP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34704AEP FREESCALE-MC34704AEP Datasheet
2Mb / 49P
   Multiple Channel DC-DC Power Management IC
MC34704AEP/R2 FREESCALE-MC34704AEP/R2 Datasheet
1Mb / 49P
   Multiple Channel DC-DC Power Management IC
MC34704AEPR2 FREESCALE-MC34704AEPR2 Datasheet
2Mb / 49P
   Multiple Channel DC-DC Power Management IC
More results

Similar Description - MC34704AEP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34704 FREESCALE-34704_09 Datasheet
1Mb / 49P
   Multiple Channel DC-DC Power Management IC
MC34704 FREESCALE-MC34704 Datasheet
2Mb / 49P
   Multiple Channel DC-DC Power Management IC
logo
SG Micro Corp
SGM2036 SGMICRO-SGM2036 Datasheet
407Kb / 19P
   DC-DC Power Management Unit
SGM2101 SGMICRO-SGM2101 Datasheet
533Kb / 33P
   DC/DC Power Management Unit
SGM2100 SGMICRO-SGM2100 Datasheet
552Kb / 36P
   DC-DC Power Management Unit
logo
Renesas Technology Corp
ZL2005 RENESAS-ZL2005 Datasheet
1Mb / 39P
   Digital-DC??Integrated Power Management and Conversion IC
logo
Intersil Corporation
ZL2005 INTERSIL-ZL2005 Datasheet
474Kb / 39P
   Digital-DC??Integrated Power Management and Conversion IC
ZL2005ALNFT INTERSIL-ZL2005ALNFT Datasheet
816Kb / 40P
   Digital-DC??Integrated Power Management and Conversion IC
February 23, 2011
logo
Maxim Integrated Produc...
MAX20340 MAXIM-MAX20340 Datasheet
1Mb / 35P
   Bidirectional DC Powerline Communication Management IC
Rev 0; 11/19
logo
Shenzhen Guan Hua Wei Y...
WSP10N10 WIINSOK-WSP10N10 Datasheet
1Mb / 5P
   Power Management in DC/DC Converter.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com