Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC35W256EM Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC35W256EM
Description  256K (32K words x 8 bits) SRAM Control pins: OE and CE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC35W256EM Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC35W256EM Datasheet HTML 1Page - Sanyo Semicon Device LC35W256EM Datasheet HTML 2Page - Sanyo Semicon Device LC35W256EM Datasheet HTML 3Page - Sanyo Semicon Device LC35W256EM Datasheet HTML 4Page - Sanyo Semicon Device LC35W256EM Datasheet HTML 5Page - Sanyo Semicon Device LC35W256EM Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ordering number : ENN6304
12800RM (OT) No. 6304-1/6
Overview
The LC35W256EM-10W and LC35W256ET-10W are
asynchronous silicon-gate CMOS SRAMs with a 32768-
word by 8-bit structure. These are full-CMOS devices
with 6 transistors per memory cell, and feature ultralow-
voltage operation, a low operating current drain, and an
ultralow standby current. Control inputs include OE for
fast memory access and CE for power saving and device
selection. This makes these devices optimal for systems
that require low power or battery backup, and makes
memory expansion easy. The ultralow standby current
allows these devices to be used with capacitor backup as
well.
Features
• Supply voltage range: 2.7 to 3.6 V
• Access time: 100 ns (maximum)
• Standby current: 0.8 µA (Ta
≤ 60°C)
4.0 µA (Ta
≤ 70°C)
• Operating temperature: –10 to +70°C
• Data retention voltage: 2.0 to 3.6 V
• All I/O levels: CMOS compatible (0.8 VCC, 0.2 VCC)
• Input/output shared function pins, 3-state output pins
• No clock required (fully static circuits)
• Package
28-pin SOP (450 mil) plastic package:
LC35W256EM-10W
28-pin TSOP (8
× 13.4 mm) plastic package:
LC35W256ET-10W
Package Dimensions
unit: mm
3187A-SOP28D
unit: mm
3221-TSOP28 (Type I)
LC35W256EM, ET-10W
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
256K (32K words
× 8 bits) SRAM
Control pins: OE and CE
CMOS IC
1
14
15
28
18.0
1.27
0.4
0.15
SANYO: SOP28D
[LC35W256EM-10W]
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
0.55
22
7
21
8
1
28
8.1
0.2
0.125
SANYO: TSOP28 (Type I)
[LC35W256ET-10W]


Similar Part No. - LC35W256EM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC35W1000BM SANYO-LC35W1000BM Datasheet
165Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
LC35W1000BTS-10U SANYO-LC35W1000BTS-10U Datasheet
165Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
LC35W1000BTS-70U SANYO-LC35W1000BTS-70U Datasheet
165Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
More results

Similar Description - LC35W256EM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC35V256EM SANYO-LC35V256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC35256D-10 SANYO-LC35256D-10 Datasheet
108Kb / 8P
   Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
   128K(16384 words X 8 bits) SRAM?
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com