Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSD100N8 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZSD100N8
Description  AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZSD100N8 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZSD100N8 Datasheet HTML 1Page - Diodes Incorporated ZSD100N8 Datasheet HTML 2Page - Diodes Incorporated ZSD100N8 Datasheet HTML 3Page - Diodes Incorporated ZSD100N8 Datasheet HTML 4Page - Diodes Incorporated ZSD100N8 Datasheet HTML 5Page - Diodes Incorporated ZSD100N8 Datasheet HTML 6Page - Diodes Incorporated ZSD100N8 Datasheet HTML 7Page - Diodes Incorporated ZSD100N8 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Issue 8 - June 2007
www.zetex.com
© Zetex Semiconductors plc 200
7
-50
-25
0
25
50
75
100
125
800
700
600
500
400
300
200
100
0
TAMB - Ambient Temperature (°C)
Derating Curve
R =0
T
R =470K
T
CMOD=10
µF
COUT=22nF
Q,Q O/C
0
48
12
16
20
10
8
6
4
2
0
VCC - Supply Voltage (V)
IQ v VCC
TYPICAL CHARACTERISTICS
ZSD100


Similar Part No. - ZSD100N8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSD100N8 ZETEX-ZSD100N8 Datasheet
88Kb / 8P
   AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
ZSD100N8 ZETEX-ZSD100N8 Datasheet
155Kb / 8P
   AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
More results

Similar Description - ZSD100N8

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSD100 ZETEX-ZSD100_06 Datasheet
155Kb / 8P
   AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
ZSD100 ZETEX-ZSD100 Datasheet
88Kb / 8P
   AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
logo
Projects Unlimited, Inc...
AW-15SBR-120 PUI-AW-15SBR-120 Datasheet
97Kb / 1P
   Siren
VW-05MR-RL PUI-VW-05MR-RL Datasheet
83Kb / 1P
   SIREN
AW-10FW PUI-AW-10FW Datasheet
191Kb / 1P
   Siren
logo
CUI INC
CPS-5248-105PM CUI-CPS-5248-105PM Datasheet
295Kb / 4P
   SIREN
01/22/2020
CPS-4242-100T CUI-CPS-4242-100T Datasheet
1Mb / 4P
   SIREN
01/22/2020
CPS-8542-110PM CUI-CPS-8542-110PM Datasheet
281Kb / 4P
   SIREN
01/22/2020
logo
CUI Devices
CPS-105110-108SPM CUID-CPS-105110-108SPM Datasheet
284Kb / 4P
   SIREN
08/05/2022
CPS-5952-105PM CUID-CPS-5952-105PM Datasheet
297Kb / 4P
   SIREN
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com