Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTL432AFTA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZTL432AFTA
Description  COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTL432AFTA Datasheet(HTML) 3 Page - Diodes Incorporated

  ZTL432AFTA Datasheet HTML 1Page - Diodes Incorporated ZTL432AFTA Datasheet HTML 2Page - Diodes Incorporated ZTL432AFTA Datasheet HTML 3Page - Diodes Incorporated ZTL432AFTA Datasheet HTML 4Page - Diodes Incorporated ZTL432AFTA Datasheet HTML 5Page - Diodes Incorporated ZTL432AFTA Datasheet HTML 6Page - Diodes Incorporated ZTL432AFTA Datasheet HTML 7Page - Diodes Incorporated ZTL432AFTA Datasheet HTML 8Page - Diodes Incorporated ZTL432AFTA Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ZTL431/ZTL432
ZTL431/ZTL432
Document number: DS33263 Rev. 15 - 2
3 of 9
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics
IKA =10mA
VREF =VKA
0
100
200
300
400
500
600
700
800
900
1000
0
255075
100
125
SOT23-5
SOT23
SC70-6
SOT23F
Ambient Temperature (°C)
Reference Voltage vs. Temperature
Dynamic Impedance vs. Frequency
Power Dissipation Derating


Similar Part No. - ZTL432AFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTL432AFTA ZETEX-ZTL432AFTA Datasheet
422Kb / 12P
   Cost effective adjustable precision shunt regulator
ZTL432AFTA ZETEX-ZTL432AFTA Datasheet
433Kb / 12P
   Cost effective adjustable precision shunt regulator
logo
Diodes Incorporated
ZTL432AFTA DIODES-ZTL432AFTA Datasheet
445Kb / 12P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - ZTL432AFTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431_17 Datasheet
445Kb / 12P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Zetex Semiconductors
ZTL431 ZETEX-ZTL431 Datasheet
422Kb / 12P
   Cost effective adjustable precision shunt regulator
ZTL431 ZETEX-ZTL431_08 Datasheet
433Kb / 12P
   Cost effective adjustable precision shunt regulator
TLV431 ZETEX-TLV431_08 Datasheet
813Kb / 16P
   1.24V Cost effective shunt regulator
logo
Diodes Incorporated
ZTLV431 DIODES-ZTLV431 Datasheet
296Kb / 8P
   1.24V Cost effective shunt regulator
TLV431 DIODES-TLV431 Datasheet
895Kb / 14P
   1.24V COST EFFECTIVE SHUNT REGULATOR
logo
Zetex Semiconductors
ZTLV431 ZETEX-ZTLV431_07 Datasheet
224Kb / 8P
   1.24V Cost effective shunt regulator
ZTLV431 ZETEX-ZTLV431 Datasheet
199Kb / 8P
   1.24V Cost effective shunt regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com