Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMM5236B Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # ZMM5236B
Description  SURFACE MOUNT ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ZMM5236B Datasheet(HTML) 2 Page - Pan Jit International Inc.

  ZMM5236B Datasheet HTML 1Page - Pan Jit International Inc. ZMM5236B Datasheet HTML 2Page - Pan Jit International Inc. ZMM5236B Datasheet HTML 3Page - Pan Jit International Inc. ZMM5236B Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
STAD-FEB.10.2009
ZMM5221B~ZMM5267B
r
e
b
m
u
N
t
r
a
P
e
g
a
t
l
o
V
r
e
n
e
Z
l
a
n
i
m
o
N
e
c
n
a
d
e
p
m
I
r
e
n
e
Z
.
x
a
M
e
s
r
e
v
e
R
x
a
M
t
n
e
r
r
u
C
e
g
a
k
a
e
L
g
n
i
k
r
a
M
e
d
o
c
V Z @IZT
ZZT @IZT
ZZK @IZK
IR @VR
V
.
m
o
N
V
.
n
i
M
V
.
x
a
M
A
m
A
m
A
u
V
B
1
2
2
5
M
M
Z
4
.
2
8
2
.
2
2
5
.
2
0
3
0
2
0
0
2
1
5
2
.
0
0
0
1
1
1
2
2
5
B
2
2
2
5
M
M
Z
5
.
2
8
3
.
2
3
6
.
2
0
3
0
2
0
5
2
1
5
2
.
0
0
0
1
1
2
2
2
5
B
3
2
2
5
M
M
Z
7
.
2
7
5
.
2
4
8
.
2
0
3
0
2
0
0
3
1
5
2
.
0
5
7
1
3
2
2
5
B
4
2
2
5
M
M
Z
8
.
2
6
6
.
2
4
9
.
2
0
3
0
2
0
0
4
1
5
2
.
0
5
7
1
4
2
2
5
B
5
2
2
5
M
M
Z
3
5
8
.
2
5
1
.
3
9
2
0
2
0
0
6
1
5
2
.
0
0
5
1
5
2
2
5
B
6
2
2
5
M
M
Z
3
.
3
4
1
.
3
7
4
.
3
8
2
0
2
0
0
6
1
5
2
.
0
5
2
1
6
2
2
5
B
7
2
2
5
M
M
Z
6
.
3
2
4
.
3
8
7
.
3
4
2
0
2
0
0
7
1
5
2
.
0
5
1
1
7
2
2
5
B
8
2
2
5
M
M
Z
9
.
3
1
7
.
3
1
.
4
3
2
0
2
0
0
9
1
5
2
.
0
0
1
1
8
2
2
5
B
9
2
2
5
M
M
Z
3
.
4
9
0
.
4
2
5
.
4
2
2
0
2
0
0
0
2
5
2
.
0
5
1
9
2
2
5
B
0
3
2
5
M
M
Z
7
.
4
7
4
.
4
4
9
.
4
9
1
0
2
0
0
9
1
5
2
.
0
5
2
0
3
2
5
B
1
3
2
5
M
M
Z
1
.
5
5
8
.
4
6
3
.
5
7
1
0
2
0
0
6
1
5
2
.
0
5
2
1
3
2
5
B
2
3
2
5
M
M
Z
6
.
5
2
3
.
5
8
8
.
5
1
1
0
2
0
0
6
1
5
2
.
0
5
3
2
3
2
5
B
3
3
2
5
M
M
Z
0
.
6
7
.
5
3
.
6
7
0
2
0
0
6
1
5
2
.
0
5
5
.
3
3
3
2
5
B
4
3
2
5
M
M
Z
2
.
6
9
8
.
5
1
5
.
6
7
0
2
0
0
0
1
5
2
.
0
5
4
4
3
2
5
B
5
3
2
5
M
M
Z
8
.
6
6
4
.
6
4
1
.
7
5
0
2
0
5
7
5
2
.
0
3
5
5
3
2
5
B
6
3
2
5
M
M
Z
5
.
7
3
1
.
7
8
8
.
7
6
0
2
0
0
5
5
2
.
0
3
6
6
3
2
5
B
7
3
2
5
M
M
Z
2
.
8
9
7
.
7
1
6
.
8
8
0
2
0
0
5
5
2
.
0
3
5
.
6
7
3
2
5
B
8
3
2
5
M
M
Z
7
.
8
7
2
.
8
4
1
.
9
8
0
2
0
0
6
5
2
.
0
3
5
.
6
8
3
2
5
B
9
3
2
5
M
M
Z
1
.
9
5
6
.
8
6
5
.
9
0
1
0
2
0
0
6
5
2
.
0
3
7
9
3
2
5
B
0
4
2
5
M
M
Z
0
1
5
.
9
5
.
0
1
7
1
0
2
0
0
6
5
2
.
0
3
8
0
4
2
5
B
1
4
2
5
M
M
Z
1
1
5
4
.
0
1
5
5
.
1
1
2
2
0
2
0
0
6
5
2
.
0
2
4
.
8
1
4
2
5
B
2
4
2
5
M
M
Z
2
1
4
.
1
1
6
.
2
1
0
3
0
2
0
0
6
5
2
.
0
1
1
.
9
2
4
2
5
B
3
4
2
5
M
M
Z
3
1
5
3
.
2
1
5
6
.
3
1
3
1
5
.
9
0
0
6
5
2
.
0
5
.
0
9
.
9
3
4
2
5
B
4
4
2
5
M
M
Z
4
1
3
.
3
1
7
.
4
1
5
1
9
0
0
6
5
2
.
0
1
.
0
0
1
4
4
2
5
B
5
4
2
5
M
M
Z
5
1
5
2
.
4
1
5
7
.
5
1
6
1
5
.
8
0
0
6
5
2
.
0
1
.
0
1
1
5
4
2
5
B
6
4
2
5
M
M
Z
6
1
2
.
5
1
8
.
6
1
7
1
8
.
7
0
0
6
5
2
.
0
1
.
0
2
1
6
4
2
5
B
7
4
2
5
M
M
Z
7
1
5
1
.
6
1
5
8
.
7
1
9
1
4
.
7
0
0
6
5
2
.
0
1
.
0
3
1
7
4
2
5
B
8
4
2
5
M
M
Z
8
1
1
.
7
1
9
.
8
1
1
2
7
0
0
6
5
2
.
0
1
.
0
4
1
8
4
2
5
B
9
4
2
5
M
M
Z
9
1
5
0
.
8
1
5
9
.
9
1
3
2
6
.
6
0
0
6
5
2
.
0
1
.
0
4
1
9
4
2
5
B
0
5
2
5
M
M
Z
0
2
9
1
1
2
5
2
2
.
6
0
0
6
5
2
.
0
1
.
0
5
1
0
5
2
5
B
1
5
2
5
M
M
Z
2
2
9
.
0
2
1
.
3
2
9
2
6
.
5
0
0
6
5
2
.
0
1
.
0
7
1
1
5
2
5
B
2
5
2
5
M
M
Z
4
2
8
.
2
2
2
.
5
2
3
3
2
.
5
0
0
6
5
2
.
0
1
.
0
8
1
2
5
2
5
B
3
5
2
5
M
M
Z
5
2
5
7
.
3
2
5
2
.
6
2
5
3
5
0
0
6
5
2
.
0
1
.
0
9
1
3
5
2
5
B
4
5
2
5
M
M
Z
7
2
5
6
.
5
2
5
3
.
8
2
1
4
6
.
4
0
0
6
5
2
.
0
1
.
0
1
2
4
5
2
5
B
5
5
2
5
M
M
Z
8
2
6
.
6
2
4
.
9
2
4
4
5
.
4
0
0
6
5
2
.
0
1
.
0
1
2
5
5
2
5
B
6
5
2
5
M
M
Z
0
3
5
.
8
2
5
.
1
3
9
4
2
.
4
0
0
6
5
2
.
0
1
.
0
3
2
6
5
2
5
B
7
5
2
5
M
M
Z
3
3
5
3
.
1
3
5
6
.
4
3
8
5
8
.
3
0
0
7
5
2
.
0
1
.
0
5
2
7
5
2
5
B
8
5
2
5
M
M
Z
6
3
2
.
4
3
8
.
7
3
0
7
4
.
3
0
0
7
5
2
.
0
1
.
0
7
2
8
5
2
5
B
9
5
2
5
M
M
Z
9
3
5
0
.
7
3
5
9
.
0
4
0
8
2
.
3
0
0
8
5
2
.
0
1
.
0
0
3
9
5
2
5
B
0
6
2
5
M
M
Z
3
4
5
8
.
0
4
5
1
.
5
4
3
9
3
0
0
9
5
2
.
0
1
.
0
3
3
0
6
2
5
B
1
6
2
5
M
M
Z
7
4
5
6
.
4
4
5
3
.
9
4
0
5
1
7
.
2
0
0
0
1
5
2
.
0
1
.
0
6
3
1
6
2
5
B
2
6
2
5
M
M
Z
1
5
5
4
.
8
4
5
5
.
3
5
5
2
1
5
.
2
0
0
1
1
5
2
.
0
1
.
0
9
3
2
6
2
5
B
3
6
2
5
M
M
Z
6
5
2
.
3
5
8
.
8
5
0
5
1
2
.
2
0
0
3
1
5
2
.
0
1
.
0
3
4
3
6
2
5
B
4
6
2
5
M
M
Z
0
6
7
5
3
6
0
7
1
1
.
2
0
0
4
1
5
2
.
0
1
.
0
6
4
4
6
2
5
B
5
6
2
5
M
M
Z
2
6
9
.
8
5
1
.
5
6
5
8
1
2
0
0
4
1
5
2
.
0
1
.
0
7
4
5
6
2
5
B
6
6
2
5
M
M
Z
8
6
6
.
4
6
4
.
1
7
0
3
2
8
.
1
0
0
6
1
5
2
.
0
1
.
0
2
5
6
6
2
5
B
7
6
2
5
M
M
Z
5
7
5
2
.
1
7
5
7
.
8
7
0
7
2
7
.
1
0
0
7
1
5
2
.
0
1
.
0
6
5
7
6
2
5
Notes.
STANDARD VOLTAGE TOLERANCE IS + 5% AND :
SUFFIX “ A” FOR + 3%
SUFFIX “ B” FOR + 5%
SUFFIX “ C” FOR + 10%
SUFFIX “ D” FOR + 20%


Similar Part No. - ZMM5236B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ZMM5236B RECTRON-ZMM5236B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
logo
Shanghai Shunye Electro...
ZMM5236B SY-ZMM5236B Datasheet
316Kb / 3P
   ZENER DIODES
logo
Diodes Incorporated
ZMM5236B DIODES-ZMM5236B Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
ZMM5236B JGD-ZMM5236B Datasheet
198Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI MELF
logo
Shenzhen Ping Sheng Ele...
ZMM5236B PFS-ZMM5236B Datasheet
139Kb / 3P
   500mW SURFACE MOUNT ZENER DIODE
More results

Similar Description - ZMM5236B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com