Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YSF-2151+ Datasheet(PDF) 5 Page - Mini-Circuits

Part # YSF-2151+
Description  Flat Gain Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YSF-2151+ Datasheet(HTML) 5 Page - Mini-Circuits

  YSF-2151+ Datasheet HTML 1Page - Mini-Circuits YSF-2151+ Datasheet HTML 2Page - Mini-Circuits YSF-2151+ Datasheet HTML 3Page - Mini-Circuits YSF-2151+ Datasheet HTML 4Page - Mini-Circuits YSF-2151+ Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Page 5
Flat Gain Amplifier
YSF-2151+
ESD Rating
Human Body Model (HBM): Class 1A in accordance with ANSI/ESD STM 5.1 - 2001
Machine Model (MM): Class M1 (25V) in accordance with ANSI/ESD STM5.2-1999
MSL Rating
Moisture Sensitivity: MSL1 in accordance with IPC/JEDEC J-STD-020D
Attention
Observe precautions
for handling electrostatic
sensitive devices
Additional Detailed Technical Information
(additional information is available on our web site. To access this information enter the model number on our web site home page)
Performance Data
Data Table
go!
Swept Graphs
go!
S-Parameter (S2P Files) Data Set (.zip file)
go!
Case Style
DL1020 Plastic package, exposed paddle, lead
finish: tin/silver/nickel
go!
Tape & Reel
F68
go!
Standard quantities available on reel
7” reels with 20, 50, 100, 200, 500, or 1K devices.
Suggested Layout for PCB Design
PL-335
go!
Evaluation Board
TB-589-7+
go!
Environmental Ratings
ENV08T1
go!
Visual
Inspection
Electrical Test
SAM Analysis
Reflow 3 cycles,
260°C
Soak
85°C/85RH
168 hours
Bake at 125°C,
24 hours
Visual
Inspection
Electrical Test
SAM Analysis
Start
MSL Test Flow Chart


Similar Part No. - YSF-2151+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
YSF-232 MINI-YSF-232 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-232++ MINI-YSF-232+ Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-272 MINI-YSF-272 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-272++ MINI-YSF-272+ Datasheet
1Mb / 5P
   Flat Gain Amplifier
More results

Similar Description - YSF-2151+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
YSF-122 MINI-YSF-122 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-272 MINI-YSF-272 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-232 MINI-YSF-232 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-382 MINI-YSF-382 Datasheet
1Mb / 5P
   Flat Gain Amplifier
logo
Qorvo, Inc
QPL9057 QORVO-QPL9057 Datasheet
1Mb / 12P
   Ultra-Low Noise Flat Gain Amplifier
Sept 20, 2020
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30889-BLKG AVAGO-MGA-30889-BLKG Datasheet
650Kb / 15P
   Flat Gain High Linearity Gain Block
MGA-30889 AVAGO-MGA-30889 Datasheet
710Kb / 15P
   Flat Gain High Linearity Gain Block
MGA-30689 AVAGO-MGA-30689_15 Datasheet
733Kb / 16P
   Flat Gain High Linearity Gain Block
MGA-30689 AVAGO-MGA-30689 Datasheet
722Kb / 16P
   40MHz - 3000MHz Flat Gain High Linearity Gain Block
logo
Broadcom Corporation.
MGA-30889 BOARDCOM-MGA-30889 Datasheet
710Kb / 15P
   40MHz - 2600MHz Flat Gain High Linearity Gain Block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com