Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YSF-382 Datasheet(PDF) 1 Page - Mini-Circuits

Part # YSF-382
Description  Flat Gain Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YSF-382 Datasheet(HTML) 1 Page - Mini-Circuits

  YSF-382 Datasheet HTML 1Page - Mini-Circuits YSF-382 Datasheet HTML 2Page - Mini-Circuits YSF-382 Datasheet HTML 3Page - Mini-Circuits YSF-382 Datasheet HTML 4Page - Mini-Circuits YSF-382 Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Page 1
The Big Deal:
Product Overview:
YSF-382+ is an advanced amplifier module in a Mini-Circuits System In Package
. This module is fully
matched to 50Ω in/out impedance and has built-in Input & Output DC block capacitors. It is enclosed in a
5 x 6 mm MCLP plastic package. The YSF-382+ uses E-PHEMT technology enabling it to work with a
single positive supply voltage.
Feature
Advantages
Gain Flatness ± 0.9dB
The YSF-382+ provides outstanding gain flatness over the full International WIMAX
communications band (3300-3800 MHz) making this ideal for use in applications
where gain-flatness and repeatability are critical performance requirements.
Medium Gain: 15dB
The YSF-382+ is a two-stage design with internal feedback and bias to provide flat
15 dB nominal gain, supporting applications where a single gain block must overcome
large system losses such as long cable runs and lossy components.
Strong Combination of Performance
The YSF-382+ provides a strong combination of performance parameters including
high gain (15 dB), high IP3 (+36 dBm) and P1dB (+20 dBm) and low noise figures (2.5
dB) that are difficult to achieve in a single stage design and available only in the YSF
amplifier series.
Integrated Matching, DC Blocking and
Bias in Small Package
The YSF-382+ includes all support circuits including: Matching, Bias and DC Block-
ing, all integrated into a single 5x6mm package making the total footprint equal to or
smaller than most solutions.
Excellent Return Loss
The YSF-382+ includes integrated input and output matching and bias circuits to
make this amplifier a simple, complete drop-in solution. The matching circuits provide
good output return loss (11dB), and are designed to give optimal P1dB and IP3 per-
formance in a 50Ω environment.
High Reverse Isolation
With 28 dB of reverse isolation – the YSF-382+ is an ideal gain block for use in inte-
grated systems to minimize VSWR interactions resulting from cascading highly reflec-
tive components such as sharp filters.
YSF-382+
Key Features
Mini-Circuits System In Package
Flat Gain Amplifier
•ExcellentCombinationofgain,
P1dB, IP3 and NF
•FlatGainResponse:
± 0.9 dB over 3300-3800 MHz
•50Ω Input and Output:
no External Components Required
CASE STYLE: DL1020


Similar Part No. - YSF-382

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
YSF-322 MINI-YSF-322 Datasheet
1Mb / 5P
   Wideband Gain Amplifier
YSF-322++ MINI-YSF-322+ Datasheet
1Mb / 5P
   Wideband Gain Amplifier
More results

Similar Description - YSF-382

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
YSF-122 MINI-YSF-122 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-272 MINI-YSF-272 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-232 MINI-YSF-232 Datasheet
1Mb / 5P
   Flat Gain Amplifier
YSF-2151 MINI-YSF-2151 Datasheet
1Mb / 5P
   Flat Gain Amplifier
logo
Qorvo, Inc
QPL9057 QORVO-QPL9057 Datasheet
1Mb / 12P
   Ultra-Low Noise Flat Gain Amplifier
Sept 20, 2020
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30889-BLKG AVAGO-MGA-30889-BLKG Datasheet
650Kb / 15P
   Flat Gain High Linearity Gain Block
MGA-30889 AVAGO-MGA-30889 Datasheet
710Kb / 15P
   Flat Gain High Linearity Gain Block
MGA-30689 AVAGO-MGA-30689_15 Datasheet
733Kb / 16P
   Flat Gain High Linearity Gain Block
MGA-30689 AVAGO-MGA-30689 Datasheet
722Kb / 16P
   40MHz - 3000MHz Flat Gain High Linearity Gain Block
logo
Broadcom Corporation.
MGA-30889 BOARDCOM-MGA-30889 Datasheet
710Kb / 15P
   40MHz - 2600MHz Flat Gain High Linearity Gain Block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com