Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBF-7500 Datasheet(PDF) 2 Page - Mini-Circuits

Part # VBF-7500
Description  Bandpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

VBF-7500 Datasheet(HTML) 2 Page - Mini-Circuits

  VBF-7500 Datasheet HTML 1Page - Mini-Circuits VBF-7500 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
50Ω7450to7650MHz
Coaxial
VBF-7500+
Bandpass Filter
Applications
• HarmonicRejection
• Transmitters/Receivers
Features
• Smallsize
• Temperaturestable
• Ruggedunibodyconstruction
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
VBF-7500+
INSERTION LOSS
0
10
20
30
40
6400
6980
7560
8140
8720
9300
FREQUENCY (MHz)
VBF-7500+
INSERTION LOSS
0
10
20
30
40
50
60
0
2000 4000 6000 8000 10000 12000 14000
FREQUENCY (MHz)
1.6
1.7
1.8
1.9
7450 7500 7550 7600 7650
VBF-7500+
VSWR
1
100
10000
0
2000 4000 6000 8000 10000 12000 14000
FREQUENCY (MHz)
1.2
1.4
1.6
1.8
7450
7500
7550
7600
7650
*Passbandrating,deratelinearlyto0.5Wat100°Cambient
Permanentdamagemayoccurifanyoftheselimitsareexceeded.
REV.A
M127608
VBF-7500+
AD/CP/AM
100621
Maximum Ratings
OperatingTemperature
-55°Cto100°C
StorageTemperature
-55°Cto100°C
RFPowerInput*
2Wmax.at25°C
B
D
E
wt
.410
1.43
.312 grams
10.41 36.32
7.92
10.0
Outline Dimensions (
)
inch
mm
Outline Drawing
.312 Across Flats
in some models
CASESTYLE:FF704
Connectors
Model
Price
Qty.
SMA
VBF-7500+ $34.95ea. (1-9)
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Typical Performance Data at 25°C
100.00
48.31
1737.18
450.00
35.27
579.06
800.00
30.38
289.53
1150.00
27.40
157.93
2550.00
21.79
69.49
5000.00
18.65
34.07
6050.00
20.33
31.03
6750.00
17.53
14.38
7100.00
3.86
2.33
7500.00
1.80
1.51
7900.00
2.52
1.81
10050.00
22.70
6.15
11050.00
20.08
6.21
12050.00
21.56
11.17
14050.00
22.86
8.51
Electrical Specifications at 25°C
Functional Schematic
Typical Frequency Response
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
CenterFrequency
7500
MHz
InsertionLoss
F1-F2
7450-7650
1.8
3.5
dB
VSWR
F1-F2
7450-7650
1.5
:1
Stop Band, Lower
InsertionLoss
DC-F3
DC-6400
18
dB
VSWR
DC-F3
DC-6400
30
:1
Stop Band, Upper
InsertionLoss
F4-F5
9000-14000
20
dB
VSWR
F4-F5
9000-14000
30
:1
F4
F2
F1
F3
FREQUENCY (MHz)
DC
F5


Similar Part No. - VBF-7500

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-7200 MINI-VBF-7200 Datasheet
311Kb / 2P
   Bandpass Filter
VBF-7200++ MINI-VBF-7200+ Datasheet
311Kb / 2P
   Bandpass Filter
VBF-7331 MINI-VBF-7331 Datasheet
341Kb / 3P
   Bandpass Filter
VBF-7331++ MINI-VBF-7331+ Datasheet
341Kb / 3P
   Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
   Bandpass Filter
More results

Similar Description - VBF-7500

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com