Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBF-1855 Datasheet(PDF) 2 Page - Mini-Circuits

Part # VBF-1855
Description  Bandpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

VBF-1855 Datasheet(HTML) 2 Page - Mini-Circuits

  VBF-1855 Datasheet HTML 1Page - Mini-Circuits VBF-1855 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
50Ω1790to1920MHz
Coaxial
VBF-1855+
Bandpass Filter
Applications
• HarmonicRejection
• Transmitters/Receivers
Features
• Smallsize
• Temperaturestable
• Ruggedunibodyconstruction
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
VBF-1855+
INSERTION LOSS
0
20
40
60
1300
1820
2340
2860
3380
3900
FREQUENCY (MHz)
VBF-1855+
INSERTION LOSS
0
20
40
60
80
100
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
1.0
2.0
3.0
4.0
5.0
1800
1850
1900
1950
VBF-1855+
VSWR
1
100
10000
0
1000
2000
3000
4000
5000
6000
FREQUENCY (MHz)
1.0
2.0
3.0
1800
1850
1900
1950
*Passbandrating,deratelinearlyto0.25Wat100°Cambient
Permanentdamagemayoccurifanyoftheselimitsareexceeded.
REV.B
M129173
VBF-1855+
AD/CP/AM
101007
Maximum Ratings
OperatingTemperature
-55°Cto100°C
StorageTemperature
-55°Cto100°C
RFPowerInput*
1.5Wmax.at25°C
B
D
E
wt
.410
1.43
.312 grams
10.41 36.32
7.92
10.0
Outline Dimensions (
)
inch
mm
CASESTYLE:FF704
Connectors
Model
Price
Qty.
SMA
VBF-1855+ $34.95ea. (1-9)
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Typical Performance Data at 25°C
0.30
67.54
1012.60
300.00
29.56
96.71
500.00
39.87
80.77
1000.00
34.53
59.27
1200.00
37.32
48.68
1400.00
26.13
29.80
1500.00
14.77
15.06
1800.00
1.74
1.53
1920.00
1.94
1.56
2410.00
14.03
29.22
2802.00
20.15
47.26
3900.00
35.44
43.70
4200.00
43.45
40.72
4800.00
39.10
36.62
5700.00
26.57
20.16
Electrical Specifications at 25°C
Typical Frequency Response
Functional Schematic
RF IN
RF OUT
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
CenterFrequency
1855
MHz
InsertionLoss
F1-F2
1790-1920
3.0
dB
VSWR
F1-F2
1790-1920
2.5
:1
Stop Band, Lower
InsertionLoss
DC-F3
DC-1400
20
dB
VSWR
DC-F3
DC-1400
25
:1
Stop Band, Upper
InsertionLoss
F4-F5
3700-5500
25
dB
VSWR
F4-F5
3700-5500
20
:1
F4
F2
F1
F3
FREQUENCY (MHz)
DC
F5
Outline Drawing
.312 Across Flats
in some models


Similar Part No. - VBF-1855

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-1840 MINI-VBF-1840 Datasheet
323Kb / 2P
   Bandpass Filter
VBF-1840++ MINI-VBF-1840+ Datasheet
323Kb / 2P
   Bandpass Filter
More results

Similar Description - VBF-1855

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com