Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBF-1445 Datasheet(PDF) 1 Page - Mini-Circuits

Part # VBF-1445
Description  Bandpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

VBF-1445 Datasheet(HTML) 1 Page - Mini-Circuits

  VBF-1445 Datasheet HTML 1Page - Mini-Circuits VBF-1445 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
The Big Deal
• LowInsertionLoss(2.0dBtypical)
• Goodclose-inrejection
• Versatilesmallsize,coaxial,1.43"length
Product Overview
TheVBF-1445+BandPassFilterisconstructedusinginternalLTCCBandPassFilterstructuretoachieve
repeatableperformance.Covering1445MHz±25MHz,theseunitsofferlowinsertionlossandgoodrejec-
tionatthebandrejectedges.BuiltusingMini-CircuitsprovenunibodyconstructionwhichintegratestheRF
connectorswiththecasebody,theVBF-1445+takesverylittlespaceandmeetsruggedtestlabsystem
environment.
Feature
Advantages
GoodRejectionclosetopassband
Providesgoodrejectionofsignalsclosetothepassband,forimprovedsystemperformance.
CompactVersatileCase
(1.43"x0.41")
Enablesuseinavarietyofapplicationsincludingspaceconstrainedconnectorizedsystems.
Connectors:SMAFemale(1),SMAMale(1)
RuggedUnibodyConstruction
Mini-CircuitsUnibodyconstructionallowssurvivabilityincriticalapplicationsincludingmilita-
rizedorindustrialsystems.
Key Features
VBF-1445+
50Ω1420to1470MHz
CASESTYLE:FF704
Page1
Coaxial
Bandpass Filter


Similar Part No. - VBF-1445

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-1525 MINI-VBF-1525 Datasheet
321Kb / 2P
   Bandpass Filter
VBF-1525++ MINI-VBF-1525+ Datasheet
321Kb / 2P
   Bandpass Filter
VBF-1560 MINI-VBF-1560 Datasheet
184Kb / 1P
   Bandpass Filter
VBF-1560++ MINI-VBF-1560+ Datasheet
184Kb / 1P
   Bandpass Filter
VBF-1575 MINI-VBF-1575 Datasheet
322Kb / 2P
   Bandpass Filter
More results

Similar Description - VBF-1445

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com