Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF8P8300HSR6 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MRF8P8300HSR6
Description  RF Power Field Effect Transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8P8300HSR6 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MRF8P8300HSR6 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8P8300HSR6 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8P8300HSR6 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8P8300HSR6 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8P8300HSR6 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8P8300HSR6 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF8P8300HSR6 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF8P8300HSR6 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF8P8300HSR6 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
RF Device Data
Freescale Semiconductor
MRF8P8300HR6 MRF8P8300HSR6
VDD =28 Vdc,IDQ = 2000 mA, Pout =96 W Avg.
f
MHz
Zsource
Zload
730
1.07 -- j1.15
0.86 -- j0.18
750
1.06 -- j0.97
0.90 + j0.04
770
1.11 -- j0.78
1.07 + j0.46
790
1.05 -- j0.62
1.28 -- j0.67
810
1.11 -- j0.45
0.88 -- j0.12
830
1.19 -- j0.26
0.87 + j0.04
850
1.95 + j0.48
0.82 + j0.05
870
1.35 -- j1.66
0.71 + j0.12
890
0.95 -- j1.07
0.59 + j0.22
Zsource = Test circuit impedance as measured from
gate to ground, gate leads are tied together.
Zload
= Test circuit impedance as measured from
drain to ground, drain leads are tied together.
Figure 11. Series Equivalent Source and Load Impedance
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network


Similar Part No. - MRF8P8300HSR6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MRF8P8300HSR6 NXP-MRF8P8300HSR6 Datasheet
538Kb / 14P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 1, 4/2013
More results

Similar Description - MRF8P8300HSR6

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com