Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATC100B4R7BT500XT Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # ATC100B4R7BT500XT
Description  RF Power Field Effect Transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

ATC100B4R7BT500XT Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button ATC100B4R7BT500XT Datasheet HTML 5Page - Freescale Semiconductor, Inc ATC100B4R7BT500XT Datasheet HTML 6Page - Freescale Semiconductor, Inc ATC100B4R7BT500XT Datasheet HTML 7Page - Freescale Semiconductor, Inc ATC100B4R7BT500XT Datasheet HTML 8Page - Freescale Semiconductor, Inc ATC100B4R7BT500XT Datasheet HTML 9Page - Freescale Semiconductor, Inc ATC100B4R7BT500XT Datasheet HTML 10Page - Freescale Semiconductor, Inc ATC100B4R7BT500XT Datasheet HTML 11Page - Freescale Semiconductor, Inc ATC100B4R7BT500XT Datasheet HTML 12Page - Freescale Semiconductor, Inc ATC100B4R7BT500XT Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MRF8S9102NR3
9
RF Device Data
Freescale Semiconductor
Figure 11. MRF8S9102NR3 Test Circuit Component Layout — 865--895 MHz
MRF8S9102N
Rev. 0
R1
R2
C3
C9
R3
C10
C8
C11
C2
C13
C14
C15
C16
C6
C7
C12
C1
C11
C17
C4
C5
Table 7. MRF8S9102NR3 Test Circuit Component Designations and Values — 865--895 MHz
Part
Description
Part Number
Manufacturer
C1, C2
220 μF, 63 V Electrolytic Capacitors
222212018221
Vishay
C3, C4, C5, C6, C7
10 μF, 50 V Chip Capacitors
C5750X5R1H106M
TDK
C8
2.7 pF Chip Capacitor
ATC100B2R7BT500XT
ATC
C9, C12, C13, C16
47 pF Chip Capacitors
ATC100B470JT500XT
ATC
C10, C11
6.8 pF Chip Capacitors
ATC100B6R8BT500XT
ATC
C14, C15
3.9 pF Chip Capacitors
ATC100B3R9BT500XT
ATC
C17
1.2 pF Chip Capacitor
ATC100B1R2BT500XT
ATC
R1, R2
1KΩ, 1/8 W Chip Resistors
WCR08051KFI
Welwyn
R3
10 Ω, 1/4 W Chip Resistor
9C12063A10R0FKHFT
Yageo
PCB
0.020″, εr =3.5
RO4350
Rogers


Similar Part No. - ATC100B4R7BT500XT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ATC100B4R7BT500XT NXP-ATC100B4R7BT500XT Datasheet
1,010Kb / 18P
   RF Power Field Effect Transistors
Rev. 2, 3/2011
More results

Similar Description - ATC100B4R7BT500XT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com