Electronic Components Datasheet Search |
|
WCR08051KFI Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc |
|
WCR08051KFI Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc |
6 / 16 page 6 RF Device Data Freescale Semiconductor MRF8S9102NR3 TYPICAL CHARACTERISTICS 1 Gps ACPR Pout, OUTPUT POWER (WATTS) AVG. Figure 5. Single--Carrier W--CDMA Power Gain, Drain Efficiency and ACPR versus Output Power --10 --20 18 24 0 60 50 40 30 20 23 22 10 100 10 --60 21 20 19 0 --30 --40 --50 Figure 6. Broadband Frequency Response 0 30 600 f, FREQUENCY (MHz) VDD =28 Vdc Pin =0 dBm IDQ = 750 mA 20 15 10 700 25 Gain 800 900 1000 1100 1200 1300 1400 IRL --24 0 --4 --8 --12 --16 5--20 VDD =28 Vdc,IDQ = 750 mA, Single--Carrier W--CDMA, 3.84 MHz Channel Bandwidth Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF 920 MHz 940 MHz 960 MHz ηD 940 MHz 920 MHz 960 MHz 960 MHz 940 MHz 920 MHz W--CDMA TEST SIGNAL 0.0001 100 0 PEAK--TO--AVERAGE (dB) Figure 7. CCDF W--CDMA IQ Magnitude Clipping, Single--Carrier Test Signal 10 1 0.1 0.01 0.001 24 6 8 W--CDMA. ACPR Measured in 3.84 MHz Channel Bandwidth @ ±5MHz Offset. Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF Input Signal 10 --60 --100 10 --20 --30 --40 --50 --70 --80 --90 3.84 MHz Channel BW 7.2 1.8 5.4 3.6 0 --1.8 --3.6 --5.4 --9 9 f, FREQUENCY (MHz) Figure 8. Single--Carrier W--CDMA Spectrum --7.2 --ACPR in 3.84 MHz Integrated BW +ACPRin3.84MHz Integrated BW --10 0 13 5 7 9 |
Similar Part No. - WCR08051KFI |
|
Similar Description - WCR08051KFI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |