Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIHB16N50C-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIHB16N50C-E3
Description  Gate Charge Improved Compliant to RoHS Directive 2002/95/EC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHB16N50C-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIHB16N50C-E3 Datasheet HTML 1Page - Vishay Siliconix SIHB16N50C-E3 Datasheet HTML 2Page - Vishay Siliconix SIHB16N50C-E3 Datasheet HTML 3Page - Vishay Siliconix SIHB16N50C-E3 Datasheet HTML 4Page - Vishay Siliconix SIHB16N50C-E3 Datasheet HTML 5Page - Vishay Siliconix SIHB16N50C-E3 Datasheet HTML 6Page - Vishay Siliconix SIHB16N50C-E3 Datasheet HTML 7Page - Vishay Siliconix SIHB16N50C-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
Document Number: 91401
2
S10-0811-Rev. A, 12-Apr-10
SiHP16N50C, SiHB16N50C, SiHF16N50C
Vishay Siliconix
Note
a. When mounted on 1" square PCB (FR-4 or G-10 material).
Note
• The information shown here is a preliminary product proposal, not a commercial product data sheet. Vishay Siliconix is not committed to
produce this or any similar product. This information should not be used for design purposes, nor construed as an offer to furnish or sell
such products.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TO220-AB D2PAK (TO-263)
TO-220 FULLPAK
UNIT
Maximum Junction-to-Ambient
RthJA
62
65
°C/W
Maximum Junction-to-Case (Drain)
RthJC
0.5
3.3
Junction-to-Ambient (PCB mount)a
RthJA
40
-
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
500
-
-
V
VDS Temperature Coefficient
ΔV
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.6
-
V/°C
Gate-Source Threshold Voltage (N)
VGS(th)
VDS = VGS, ID = 250 μA
3.0
-
5.0
V
Gate-Source Leakage
IGSS
VGS = ± 30 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 500 V, VGS = 0 V
-
-
50
μA
VDS = 400 V, VGS = 0 V, TJ = 125 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 8 A
-
0.31
0.38
Ω
Forward Transconductancea
gfs
VDS = 50 V, ID = 3 A
-
3
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz
-
1900
-
pF
Output Capacitance
Coss
-
230
-
Reverse Transfer Capacitance
Crss
-24
-
Total Gate Charge
Qg
VGS = 10 V
ID = 16 A, VDS = 400 V
-45
68
nC
Gate-Source Charge
Qgs
-18
-
Gate-Drain Charge
Qgd
-22
-
Turn-On Delay Time
td(on)
VDD = 250 V, ID = 16 A,
Rg = 9.1 Ω, VGS = 10 V
-27
-
ns
Rise Time
tr
-
156
-
Turn-Off Delay Time
td(off)
-29
-
Fall Time
tf
-31
-
Gate Input Resistance
Rg
f = 1 MHz, open drain
-
1.6
-
Ω
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
16
A
Pulsed Diode Forward Current
ISM
--
30
Body Diode Voltage
VSD
TJ = 25 °C, IS = 10 A, VGS = 0 V
-
-
1.8
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = IS, dI/dt = 100 A/μs,
VR = 20 V
-
555
-
ns
Body Diode Reverse Recovery Charge
Qrr
-5.5
-
μC
Body Diode Reverse Recovery Current
IRRM
-18
-
A
S
D
G


Similar Part No. - SIHB16N50C-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHB16N50C-E3 VISHAY-SIHB16N50C-E3 Datasheet
271Kb / 13P
   Power MOSFET
01-Jan-2022
More results

Similar Description - SIHB16N50C-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MBR1045PBF VISHAY-VS-MBR1045PBF Datasheet
154Kb / 7P
   Compliant to RoHS Directive 2002/95/EC
Revision: 29-Aug-11
VS-30EPH06PBF VISHAY-VS-30EPH06PBF Datasheet
160Kb / 8P
   Compliant to RoHS Directive 2002/95/EC
Revision: 12-Aug-11
logo
Lineage Power Corporati...
JNC350R41TZ LINEAGEPOWER-JNC350R41TZ Datasheet
707Kb / 16P
   Compliant to RoHS EU Directive 2002/95/EC (-Zversions)
logo
Vishay Siliconix
SIHP12N50C VISHAY-SIHP12N50C Datasheet
153Kb / 8P
   100 % Avalanche Tested Compliant to RoHS Directive 2002/95/EC
Rev. B, 26-Apr-10
logo
E-SWITCH
B400006 E-SWITCH-B400006 Datasheet
121Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400012 E-SWITCH-B400012 Datasheet
80Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400014 E-SWITCH-B400014 Datasheet
193Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400005 E-SWITCH-B400005 Datasheet
108Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400008 E-SWITCH-B400008 Datasheet
105Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400009 E-SWITCH-B400009 Datasheet
106Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com