Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIZ700DT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIZ700DT
Description  N-Channel 20-V (D-S) MOSFETs Compliant to RoHS Directive 2002/95/EC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIZ700DT Datasheet(HTML) 3 Page - Vishay Siliconix

  SIZ700DT Datasheet HTML 1Page - Vishay Siliconix SIZ700DT Datasheet HTML 2Page - Vishay Siliconix SIZ700DT Datasheet HTML 3Page - Vishay Siliconix SIZ700DT Datasheet HTML 4Page - Vishay Siliconix SIZ700DT Datasheet HTML 5Page - Vishay Siliconix SIZ700DT Datasheet HTML 6Page - Vishay Siliconix SIZ700DT Datasheet HTML 7Page - Vishay Siliconix SIZ700DT Datasheet HTML 8Page - Vishay Siliconix SIZ700DT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 69090
S09-0534-Rev. A, 06-Apr-09
www.vishay.com
3
Vishay Siliconix
SiZ700DT
New Product
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Dynamica
Turn-On Delay Time
td(on)
Channel-1
VDD = 10 V, RL = 10 Ω
ID ≅ 1.0 A, VGEN = 4.5 V, Rg = 1 Ω
Channel-2
VDD = 10 V, RL = 10 Ω
ID ≅ 1.0 A, VGEN = 4.5 V, Rg = 1 Ω
Ch-1
9
15
ns
Ch-2
13
20
Rise Time
tr
Ch-1
8
15
Ch-2
8
15
Turn-Off Delay Time
td(off)
Ch-1
25
40
Ch-2
52
80
Fall Time
tf
Ch-1
8
15
Ch-2
15
25
Turn-On Delay Time
td(on)
Channel-1
VDD = 10 V, RL = 10 Ω
ID ≅ 1.0 A, VGEN = 10 V, Rg = 1 Ω
Channel-2
VDD = 10 V, RL = 10 Ω
ID ≅ 1.0 A, VGEN = 10 V, Rg = 1 Ω
Ch-1
8
15
Ch-2
12
20
Rise Time
tr
Ch-1
9
15
Ch-2
8
15
Turn-Off Delay Time
td(off)
Ch-1
25
40
Ch-2
47
75
Fall Time
tf
Ch-1
8
15
Ch-2
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
Ch-1
14.7
A
Ch-2
16
Pulse Diode Forward Currenta
ISM
Ch-1
60
Ch-2
60
Body Diode Voltage
VSD
IS = 2.0 A, VGS = 0 V
Ch-1
0.8
1.2
V
IS = 2.3 A, VGS = 0 V
Ch-2
0.8
1.2
Body Diode Reverse Recovery Time
trr
Channel-1
IF = 2.0 A, dI/dt = 100 A/µs, TJ = 25 °C
Channel-2
IF = 2.3 A, dI/dt = 100 A/µs, TJ = 25 °C
Ch-1
25
50
ns
Ch-2
40
80
Body Diode Reverse Recovery Charge
Qrr
Ch-1
13
25
nC
Ch-2
31
60
Reverse Recovery Fall Time
ta
Ch-1
12
ns
Ch-2
21
Reverse Recovery Rise Time
tb
Ch-1
13
Ch-2
19


Similar Part No. - SIZ700DT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIZ700DT VISHAY-SIZ700DT Datasheet
213Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
08-Feb-17
SIZ700DT-T1-GE3 VISHAY-SIZ700DT-T1-GE3 Datasheet
208Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ700DT VISHAY-SIZ700DT_V01 Datasheet
213Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
08-Feb-17
More results

Similar Description - SIZ700DT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MBR1045PBF VISHAY-VS-MBR1045PBF Datasheet
154Kb / 7P
   Compliant to RoHS Directive 2002/95/EC
Revision: 29-Aug-11
VS-30EPH06PBF VISHAY-VS-30EPH06PBF Datasheet
160Kb / 8P
   Compliant to RoHS Directive 2002/95/EC
Revision: 12-Aug-11
logo
DinTek Semiconductor Co...
DTL9503 DINTEK-DTL9503_13 Datasheet
1Mb / 7P
   P-Channel 30 V (D-S) MOSFET Compliant to RoHS Directive 2002/95/EC
logo
Lineage Power Corporati...
JNC350R41TZ LINEAGEPOWER-JNC350R41TZ Datasheet
707Kb / 16P
   Compliant to RoHS EU Directive 2002/95/EC (-Zversions)
logo
Vishay Siliconix
SIHP12N50C VISHAY-SIHP12N50C Datasheet
153Kb / 8P
   100 % Avalanche Tested Compliant to RoHS Directive 2002/95/EC
Rev. B, 26-Apr-10
logo
E-SWITCH
B400006 E-SWITCH-B400006 Datasheet
121Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400012 E-SWITCH-B400012 Datasheet
80Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400014 E-SWITCH-B400014 Datasheet
193Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
B400005 E-SWITCH-B400005 Datasheet
108Kb / 1P
   2002/95/EC (RoHS) COMPLIANT.
logo
Vishay Siliconix
SIHP16N50C VISHAY-SIHP16N50C Datasheet
155Kb / 8P
   Gate Charge Improved Compliant to RoHS Directive 2002/95/EC
Rev. A, 12-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com