Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSN-2685A-119+ Datasheet(PDF) 7 Page - Mini-Circuits

Part # SSN-2685A-119+
Description  Frequency Synthesizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SSN-2685A-119+ Datasheet(HTML) 7 Page - Mini-Circuits

Back Button SSN-2685A-119+ Datasheet HTML 3Page - Mini-Circuits SSN-2685A-119+ Datasheet HTML 4Page - Mini-Circuits SSN-2685A-119+ Datasheet HTML 5Page - Mini-Circuits SSN-2685A-119+ Datasheet HTML 6Page - Mini-Circuits SSN-2685A-119+ Datasheet HTML 7Page - Mini-Circuits SSN-2685A-119+ Datasheet HTML 8Page - Mini-Circuits SSN-2685A-119+ Datasheet HTML 9Page - Mini-Circuits SSN-2685A-119+ Datasheet HTML 10Page - Mini-Circuits SSN-2685A-119+ Datasheet HTML 11Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Page 7 of 13
SSN-2685A-119+
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
Frequency Synthesizer
Note 5: Step size 250 kHz
Note 6: All spurs are referenced to carrier signal (n=0).
STEP SIZE
SPURIOUS
ORDER
0.5 STEP SIZE & STEP SIZE
SPURIOUS @Fcarrier
2495MHz+(n*Fstep size)
(dBc) note 5
0.5 STEP SIZE & STEP SIZE
SPURIOUS @Fcarrier
2593MHz+(n*Fstep size)
(dBc) note 5
0.5 STEP SIZE & STEP SIZE
SPURIOUS @Fcarrier
2690MHz+(n*Fstep size)
(dBc) note 5
n
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-5.0
-111.71
-111.83
-113.01
-116.30
-110.24
-110.57
-110.84
-114.67
-113.87
-4.5
-110.39
-109.71
-114.51
-116.08
-117.31
-113.72
-109.64
-111.37
-117.30
-4.0
-82.62
-82.84
-92.45
-119.69
-115.18
-109.65
-115.07
-118.53
-114.31
-3.5
-112.08
-114.68
-116.07
-115.76
-110.31
-109.05
-113.39
-112.65
-112.92
-3.0
-111.69
-114.36
-114.50
-114.15
-106.35
-110.76
-106.70
-115.93
-109.46
-2.5
-102.91
-110.19
-104.92
-111.53
-111.64
-104.71
-110.93
-108.43
-106.29
-2.0
-101.75
-106.18
-110.58
-107.75
-109.72
-110.74
-110.09
-107.54
-107.74
-1.5
-104.25
-108.09
-102.65
-103.66
-104.75
-104.50
-100.43
-95.54
-105.57
-1.0
-97.72
-98.40
-99.18
-90.80
-94.71
-94.10
-88.38
-85.03
-94.35
-0.5
-88.02
-90.44
-87.36
-80.89
-78.09
-81.69
-72.84
-77.43
-87.38
0note 6
-
-
-
-
-
-
-
-
-
+0.5
-87.41
-87.89
-88.58
-79.61
-79.74
-81.25
-72.82
-76.95
-84.97
+1.0
-101.35
-100.96
-99.49
-90.30
-96.82
-98.38
-88.43
-84.01
-94.10
+1.5
-103.11
-108.48
-102.75
-105.44
-104.66
-106.01
-101.41
-94.99
-105.50
+2.0
-103.54
-103.40
-111.92
-107.11
-106.18
-111.90
-107.95
-108.75
-108.49
+2.5
-100.99
-106.39
-103.70
-112.66
-110.92
-104.93
-110.67
-110.68
-104.98
+3.0
-111.21
-113.36
-116.98
-111.72
-108.15
-113.78
-111.61
-113.27
-110.15
+3.5
-112.28
-117.17
-116.60
-112.07
-109.24
-111.50
-114.92
-113.51
-114.72
+4.0
-82.84
-83.35
-92.18
-116.37
-114.32
-113.20
-115.73
-115.12
-111.68
+4.5
-108.60
-114.25
-118.34
-118.72
-112.99
-117.81
-113.32
-115.06
-114.84
+5.0
-106.76
-111.47
-114.60
-118.09
-111.30
-115.80
-111.29
-111.35
-115.36


Similar Part No. - SSN-2685A-119+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SSN-2025A MINI-SSN-2025A Datasheet
838Kb / 12P
   Frequency Synthesizer
SSN-2025A++ MINI-SSN-2025A+ Datasheet
838Kb / 12P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
SSN-2222A-119++ MINI-SSN-2222A-119+ Datasheet
897Kb / 13P
   Frequency Synthesizer
SSN-2362A MINI-SSN-2362A Datasheet
895Kb / 13P
   Frequency Synthesizer
More results

Similar Description - SSN-2685A-119+

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com