Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSN-1602FA Datasheet(PDF) 5 Page - Mini-Circuits

Part # SSN-1602FA
Description  Frequency Synthesizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SSN-1602FA Datasheet(HTML) 5 Page - Mini-Circuits

  SSN-1602FA Datasheet HTML 1Page - Mini-Circuits SSN-1602FA Datasheet HTML 2Page - Mini-Circuits SSN-1602FA Datasheet HTML 3Page - Mini-Circuits SSN-1602FA Datasheet HTML 4Page - Mini-Circuits SSN-1602FA Datasheet HTML 5Page - Mini-Circuits SSN-1602FA Datasheet HTML 6Page - Mini-Circuits SSN-1602FA Datasheet HTML 7Page - Mini-Circuits SSN-1602FA Datasheet HTML 8Page - Mini-Circuits SSN-1602FA Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Page 5 of 13
SSN-1602FA+
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
Frequency Synthesizer
FREQUENCY
(MHz)
PHASE NOISE (dBc/Hz) @OFFSETS
+25°C
100Hz
1kHz
10kHz
100kHz
1MHz
1402
-89.51
-87.67
-96.21
-120.71
-140.39
1405
-89.03
-87.52
-96.64
-120.76
-140.96
1430
-88.67
-87.45
-96.92
-121.20
-141.49
1455
-87.80
-88.01
-96.96
-121.29
-141.48
1480
-88.09
-87.92
-97.50
-121.59
-140.92
1505
-86.79
-88.90
-97.50
-121.89
-142.11
1530
-87.64
-85.94
-97.17
-121.79
-142.00
1555
-87.54
-84.75
-97.28
-121.93
-140.33
1580
-87.36
-85.52
-97.26
-121.76
-140.91
1602
-86.39
-85.35
-97.39
-121.68
-141.16
FREQUENCY
(MHz)
PHASE NOISE (dBc/Hz) @OFFSETS
-25°C
100Hz
1kHz
10kHz
100kHz
1MHz
1402
-86.29
-91.22
-97.40
-122.17
-142.38
1405
-86.39
-90.39
-97.60
-122.16
-142.50
1430
-86.10
-90.34
-97.92
-122.42
-142.81
1455
-87.47
-91.14
-97.73
-122.41
-142.67
1480
-85.63
-90.23
-97.97
-122.52
-142.85
1505
-87.35
-90.81
-97.86
-122.55
-142.48
1530
-86.24
-89.40
-98.06
-122.66
-140.52
1555
-85.90
-89.12
-98.14
-122.64
-142.98
1580
-85.90
-89.60
-98.21
-122.58
-143.08
1602
-85.85
-89.53
-98.23
-122.54
-142.84
FREQUENCY
(MHz)
PHASE NOISE (dBc/Hz) @OFFSETS
+85°C
100Hz
1kHz
10kHz
100kHz
1MHz
1402
-87.91
-86.26
-93.40
-117.44
-136.84
1405
-87.42
-87.26
-93.46
-117.58
-137.74
1430
-87.51
-86.06
-94.43
-118.46
-138.78
1455
-86.55
-85.46
-94.87
-118.99
-139.36
1480
-87.33
-86.27
-95.31
-119.54
-139.85
1505
-87.14
-86.04
-95.16
-119.91
-140.06
1530
-86.35
-85.99
-95.44
-120.08
-138.52
1555
-86.94
-84.80
-95.44
-120.23
-140.04
1580
-85.79
-85.19
-95.25
-120.17
-140.63
1602
-85.77
-84.76
-95.21
-119.98
-139.96


Similar Part No. - SSN-1602FA

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SSN-1932A-119 MINI-SSN-1932A-119 Datasheet
884Kb / 13P
   Frequency Synthesizer
SSN-1932A-119++ MINI-SSN-1932A-119+ Datasheet
884Kb / 13P
   Frequency Synthesizer
More results

Similar Description - SSN-1602FA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com