Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2322168 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2322168
Description  VIP-3/SC/D25SUB/M/LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2322168 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2322168 Datasheet HTML 1Page - PHOENIX CONTACT 2322168 Datasheet HTML 2Page - PHOENIX CONTACT 2322168 Datasheet HTML 3Page - PHOENIX CONTACT 2322168 Datasheet HTML 4Page - PHOENIX CONTACT 2322168 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Dec 15, 2010
Extract from the online
catalog
 
VIP-3/SC/D25SUB/M/LED
Order No.: 2322168
The illustration shows a 37-position version
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2322168
 
 
VARIOFACE module, with screw connection and D-Subminiature pin
strip, for mounting on NS 35/7.5 or NS 32, with LED, 25-pos.
 
Commercial data
GTIN (EAN)
4046356451789
sales group
I501
Pack
1 pcs.
Customs tariff
85369010
Weight/Piece
0.1541 KG
Catalog page information
Page 285 (IF-2009)
Product notes
WEEE/RoHS-compliant since:
06/03/2009
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Nominal voltage UN
24 V DC
Max. current carrying capacity per branch
2.5 A
Number of positions
25
Width
57.4 mm


Similar Part No. - 2322168

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2322100 PHOENIX-2322100 Datasheet
66Kb / 4P
   Interface module - VIP-3/SC/FLK40/LED
logo
Toshiba Semiconductor
23221076 TOSHIBA-23221076 Datasheet
2Mb / 50P
   COLOR TELEVISION N0NSP Chassis
2000
logo
PHOENIX CONTACT
2322113 PHOENIX-2322113 Datasheet
80Kb / 5P
   Interface module - VIP-3/SC/FLK50/LED
logo
Toshiba Semiconductor
23221141 TOSHIBA-23221141 Datasheet
4Mb / 70P
   Color Television
2005
23221142 TOSHIBA-23221142 Datasheet
4Mb / 70P
   Color Television
2005
More results

Similar Description - 2322168

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2315133 PHOENIX-2315133 Datasheet
109Kb / 5P
   VIP-3/SC/D25SUB/M
2322210 PHOENIX-2322210 Datasheet
184Kb / 5P
   VIP-3/SC/D25SUB/F/LED
2315188 PHOENIX-2315188 Datasheet
109Kb / 5P
   VIP-3/SC/D25SUB/F
2904260 PHOENIX-2904260 Datasheet
69Kb / 6P
   Interface module - VIP-3/PT/D25SUB/M/LED
2322184 PHOENIX-2322184 Datasheet
184Kb / 5P
   VIP-3/SC/D50SUB/M/LED
2322171 PHOENIX-2322171 Datasheet
184Kb / 5P
   VIP-3/SC/D37SUB/M/LED
2903781 PHOENIX-2903781 Datasheet
111Kb / 9P
   Interface module - VIP-3/PT/D25SUB/M
2315146 PHOENIX-2315146 Datasheet
72Kb / 5P
   VIP-3/SC/D37SUB/M
2322388 PHOENIX-2322388 Datasheet
133Kb / 4P
   VIP-3/SC/HD44SUB/M
2322375 PHOENIX-2322375 Datasheet
133Kb / 4P
   VIP-3/SC/HD26SUB/M
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com