Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSN-795AF-119 Datasheet(PDF) 3 Page - Mini-Circuits

Part # RSN-795AF-119
Description  Frequency Synthesizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RSN-795AF-119 Datasheet(HTML) 3 Page - Mini-Circuits

  RSN-795AF-119 Datasheet HTML 1Page - Mini-Circuits RSN-795AF-119 Datasheet HTML 2Page - Mini-Circuits RSN-795AF-119 Datasheet HTML 3Page - Mini-Circuits RSN-795AF-119 Datasheet HTML 4Page - Mini-Circuits RSN-795AF-119 Datasheet HTML 5Page - Mini-Circuits RSN-795AF-119 Datasheet HTML 6Page - Mini-Circuits RSN-795AF-119 Datasheet HTML 7Page - Mini-Circuits RSN-795AF-119 Datasheet HTML 8Page - Mini-Circuits RSN-795AF-119 Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Page 3 of 13
RSN-795AF-119+
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
Frequency Synthesizer
Parameters
Test Conditions
Min.
Typ.
Max.
Units
Frequency Range
-
760.6
-
795.4
MHz
Step Size
-
-
200
-
kHz
Comparison Frequency
-
-
13
-
MHz
Settling Time
Within ± 5.4 deg
-
0.02
0.03
mSec
Output Power
-
+2
+5
+8
dBm
SSB Phase Noise
@ 100 Hz offset
-
-88
-
dBc/Hz
@ 1 kHz offset
-
-103
-96
@ 10 kHz offset
-
-103
-96
@ 100 kHz offset
-
-108
-104
@ 1 MHz offset
-
-154
-148
Step Size Spurious Suppression
Step Size 200 kHz
-
-77
-55
dBc
0.5 Step Size Spurious Suppression
0.5 Step Size 100 kHz
-
-85
-65
Reference Spurious Suppression
Ref. Freq. 52 MHz
-
-124
-90
Comparison Spurious Suppression
Comp. Freq. 13 MHz
-
-113
-90
Non - Harmonic Spurious Suppression
-
-
-90
-
Harmonic Suppression
-
-
-37
-31
VCO
Supply Voltage
+5.50
+5.20
+5.50
+5.80
V
PLL
Supply Voltage
+3.30
+3.15
+3.30
+3.45
CP Supply
Voltage
+5.00
+4.80
+5.00
+5.20
VCO Supply Current
-
-
51
65
mA
PLL Supply Current
-
-
23
30
CP Supply Current
-
-
41
50
Reference Input
(External)
Frequency
52 (square wave)
-
52
-
MHz
Amplitude
1
-
1
-
V
P-P
Input impedance
-
-
100
-
KΩ
Phase Noise @ 1 kHz offset
-
-
-135
-
dBc/Hz
RF Output port Impedance
-
-
50
-
Input Logic Level
Input high voltage
-
2.80
-
-
V
Input low voltage
-
-
-
0.60
V
Digital Lock Detect
Locked
-
2.75
-
3.45
V
Unlocked
-
-
-
0.40
V
Frequency Synthesizer PLL
-
ADF4193
PLL Programming (Note*)
-
3-wire serial 3.3V CMOS
Register Map @ 795.4 MHz
R0_Register
-
(MSB) 111101000000001100000 (LSB)
R1_Register
-
(MSB) 10000010000001000001001 (LSB)
R2_Register
-
(MSB) 111010 (LSB)
R3_Register
-
(MSB) 1111011 (LSB)
R4_Register
-
(MSB) 100001110010100 (LSB)
R5_Register
-
(MSB) 101 (LSB)
R6_Register
-
(MSB) 1001000000001110 (LSB)
R7_Register
-
(MSB) 111 (LSB)
Electrical Specifications (over operating temperature -40°C to +85°C)
Parameters
Ratings
VCO Supply Voltage
+6.3V
PLL Supply Voltage
+3.6V
CP Supply Voltage
+5.8V
CP Supply Voltage to PLL Supply Voltage
-0.3V to 5.8V
Reference Frequency Voltage
-0.3Vmin, VCC PLL +0.3Vmax
Data, Clock, LE Levels
-0.3Vmin, VCC PLL +0.3Vmax
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +100°C
Permanent damage may occur if any of these limits are exceeded
Absolute Maximum Ratings
Note* : Tested with GSM900RX_13M_PHASE CODE (GSM900/GSM850 RX, version 1.0)
from "Analog Devices" recommendation for ADF4193 PLL.
Download Phase Code file


Similar Part No. - RSN-795AF-119

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RSN-749AF MINI-RSN-749AF Datasheet
872Kb / 13P
   Frequency Synthesizer
More results

Similar Description - RSN-795AF-119

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com