Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROS-2600-1119+ Datasheet(PDF) 2 Page - Mini-Circuits

Part # ROS-2600-1119+
Description  Voltage Controlled Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ROS-2600-1119+ Datasheet(HTML) 2 Page - Mini-Circuits

  ROS-2600-1119+ Datasheet HTML 1Page - Mini-Circuits ROS-2600-1119+ Datasheet HTML 2Page - Mini-Circuits ROS-2600-1119+ Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
TM
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Maximum Ratings
Operating Temperature
-55°C to 85°C
Storage Temperature
-55°C to 100°C
Absolute Max. Supply Voltage (Vcc)
10.5V
Absolute Max. Tuning Voltage (Vtune) 30.0V
All specifications
50 ohm system
REV. OR
M128690
EDR-9315F1
ROS-2600-1119+
RAV
101216
Page 2 of 3
Electrical Specifications
ROS-2600-1119+
Pin Connections
RF OUT
10
VCC
14
V-TUNE
2
GROUND
1,3,4,5,6,7,8,9,11,12,13,15,16
MODEL
FREQ.
POWER
PHASE NOISE
TUNING
NON
HARMONICS PULLING PUSHING
DC
NO.
(MHz)
OUTPUT dBc/Hz SSB at offset
HARMONIC
(dBc)
pk-pk
(MHz/V)
OPERATING
(dBm)
frequencies,kHz
VOLTAGE SENSI- PORT
3 dB
SPURIOUS
@12 dBr
POWER
RANGE TIVITY CAP MODULATION
(dBc)
(MHz)
Typ.
(V)
(MHz/V) (pF) BANDWIDTH
Vcc Current
(MHz)
(volts) (mA)
Min. Max.
Typ.
1
10 100 1000 Min. Max.
Typ.
Typ.
Typ.
Typ.
Typ.
Max.
Typ.
Typ.
Max.
ROS-2600-1119+ 1650 2600
+6
-75 -102 -122 -142
0.3
28
25-60
50
30
-90
-18
-
2.5
1
10
53
Voltage Controlled Oscillator
Wide Band
1650 to 2600 MHz
Surface Mount
CASE STYLE: CK605
PRICE: $24.95 ea. QTY (5-49)
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
• Wireless communications
• Cable TV
• Test Equipment
• Military
Applications
• Wide band frequency range
• Low phase noise
• Low pushing
• Aqueous washable
Features
32X ø. 020 PTH
FOR GROUND
PACKAGE
OUTLINE
.060 TRACE WIDTH, 3 PL.
(SEE NOTE BELOW)
NOTES: 1. TRACE WIDTH IS SHOWN FOR RF4 WITH DIELECTRIC
THICKNESS . 030" ± .002"'; COPPER: 1/2 OZ. EACH SIDE.
FOR OTHER MATERIALS TRACE WIDTH MAY NEED TO BE MODIFIED.
2. BOTTOM SIDE OF THE PCB IS CONTINUOUS GROUND PLANE.
DENOTES PCB COPPER LAYOUT WITH SMOBC
(SOLDER MASK OVER BARE COPPER)
DENOTES COPPER LAND PATTERN FREE OF SOLDER MASK
.040
TYP
PIN 1
Demo Board MCL P/N: TB-10
Suggested PCB Layout (PL-012)
Outline Drawing
PCB Land Pattern
INDEX
SUGGESTED LAYOUT,
TOLERANCE TO BE WITHIN ±.002
E
P
R
C
T TYP
H TYP
Q TYP
9
10
11
12
15
16
13
14
METALLIZATION
SOLDER RESIST
8
5
6
7
D TYP
A
S TYP
F
1
2
3
4
B
D TYP
G TYP
K
SQ TYP
M
J
L
N
J
1
Outline Dimensions (
)
inch
mm
A
B
C
D
E
F
G
H
J
K
L
M
N
P
Q
R
S
T
wt.
.500 .500 .180 .100 .080 .115 .060 .040 .540 .060 .100 .135 .135 .115 .140 .070 .150 .070 grams
12.70 12.70 4.57 2.54 2.03 2.92 1.52 1.02 13.72 1.52 2.54 3.43 3.43 2.92 3.56 1.78 3.81 1.78
1.0
Permanent damage may occur if any of these limits are exceeded.


Similar Part No. - ROS-2600-1119+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ROS-2600-1119++ MINI-ROS-2600-1119+ Datasheet
158Kb / 1P
   Voltage Controlled Oscillator
ROS-2600-1119++ MINI-ROS-2600-1119+_11 Datasheet
158Kb / 1P
   Voltage Controlled Oscillator
More results

Similar Description - ROS-2600-1119+

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
DCSO1000-12 SYNERGY-DCSO1000-12 Datasheet
358Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCSR1280-8 SYNERGY-DCSR1280-8 Datasheet
488Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC1921-5 SYNERGY-MFC1921-5 Datasheet
279Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
MFC8192-5 SYNERGY-MFC8192-5 Datasheet
494Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
DCMO80210-5 SYNERGY-DCMO80210-5 Datasheet
287Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR
logo
Exar Corporation
XR-2209 EXAR-XR-2209 Datasheet
187Kb / 20P
   Voltage-Controlled Oscillator
logo
Z-Communications, Inc
CLV1137 ZCOMM-CLV1137 Datasheet
44Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com