Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4131C Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC4131C
Description  LCD Dot Matrix Common Driver for STN Displays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC4131C Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC4131C Datasheet HTML 1Page - Sanyo Semicon Device LC4131C Datasheet HTML 2Page - Sanyo Semicon Device LC4131C Datasheet HTML 3Page - Sanyo Semicon Device LC4131C Datasheet HTML 4Page - Sanyo Semicon Device LC4131C Datasheet HTML 5Page - Sanyo Semicon Device LC4131C Datasheet HTML 6Page - Sanyo Semicon Device LC4131C Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Switching Characteristics at VDD = 2.7 to 5.5 V, Ta = –20 to +75°C, VSS = 0 V
Switching Characteristics
No. 5953-3/7
LC4131C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Clock frequency
fload
LOAD
2.5
MHz
High-level clock pulse width
twl
LOAD
100
Input setup time
tsu
LOAD, DIOn, DMIN
100
Input hold time
th
LOAD, DIOn, DMIN
30
ns
LOAD rise time
tr
LOAD
30
LOAD fall time
tf
LOAD
30
DIO output delay time
tpld
LOAD, DIOn: 30 pF capacitance load
200
LOAD-on delay time
tplo
LOAD, OUTn: 100 pF capacitance load
1.0
µs
DF-on delay time
tpdfo
DF, OUTn: 100 pF capacitance load
1.0
DIO output


Similar Part No. - LC4131C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC4100 SANYO-LC4100 Datasheet
87Kb / 8P
   LCD Dot Matrix Common Driver for STN Displays
LC4100C SANYO-LC4100C Datasheet
87Kb / 8P
   LCD Dot Matrix Common Driver for STN Displays
LC4101C SANYO-LC4101C Datasheet
86Kb / 9P
   LCD Dot Matrix Segment Driver for STN Displays
LC4102C SANYO-LC4102C Datasheet
61Kb / 8P
   LCD Dot Matrix Common Driver for STN Displays
LC4103C SANYO-LC4103C Datasheet
240Kb / 11P
   STN LCD Dot Matrix Common Driver
More results

Similar Description - LC4131C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC4100C SANYO-LC4100C Datasheet
87Kb / 8P
   LCD Dot Matrix Common Driver for STN Displays
LC4102C SANYO-LC4102C Datasheet
61Kb / 8P
   LCD Dot Matrix Common Driver for STN Displays
LC4104C SANYO-LC4104C Datasheet
86Kb / 9P
   LCD Dot Matrix Segment Driver for STN Displays
LC4101C SANYO-LC4101C Datasheet
86Kb / 9P
   LCD Dot Matrix Segment Driver for STN Displays
LC4103TAB-01 SANYO-LC4103TAB-01 Datasheet
240Kb / 11P
   STN LCD Dot Matrix Common Driver
logo
Hitachi Semiconductor
HD66137 HITACHI-HD66137 Datasheet
99Kb / 19P
   High-Voltage Durable 240-Channel Common Driver for Dot-Matrix STN LCD
logo
List of Unclassifed Man...
FEDL9460-01 ETC2-FEDL9460-01 Datasheet
259Kb / 27P
   Common Driver for Dot Matrix STN Liquid Crystal Display
logo
NXP Semiconductors
PCF8579 NXP-PCF8579 Datasheet
260Kb / 41P
   LCD column driver for dot matrix graphic displays
Rev. 05-11 May 2009
logo
Texas Instruments
MPT57202 TI1-MPT57202 Datasheet
156Kb / 11P
[Old version datasheet]   160-CHANNEL LCD GATE DRIVER FOR DOT MATRIX STN
logo
NXP Semiconductors
PCF8579 PHILIPS-PCF8579 Datasheet
287Kb / 40P
   LCD column driver for dot matrix graphic displays
1997 Apr 01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com