Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC4608C Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC4608C
Description  Printer Head Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC4608C Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC4608C Datasheet HTML 3Page - Sanyo Semicon Device LC4608C Datasheet HTML 4Page - Sanyo Semicon Device LC4608C Datasheet HTML 5Page - Sanyo Semicon Device LC4608C Datasheet HTML 6Page - Sanyo Semicon Device LC4608C Datasheet HTML 7Page - Sanyo Semicon Device LC4608C Datasheet HTML 8Page - Sanyo Semicon Device LC4608C Datasheet HTML 9Page - Sanyo Semicon Device LC4608C Datasheet HTML 10Page - Sanyo Semicon Device LC4608C Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
No. 5782-10/11
LC4608C
Pad Coordinates
Pin Name
x-Coordinate
y-Coordinate
Pin Name
x-Coordinate
y-Coordinate
DO1
–4410.0
1162.0
DO50
2450.0
1162.0
DO2
–4270.0
1162.0
DO51
2590.0
1162.0
DO3
–4130.0
1162.0
DO52
2730.0
1162.0
DO4
–3990.0
1162.0
DO53
2870.0
1162.0
DO5
–3850.0
1162.0
DO54
3010.0
1162.0
DO6
–3710.0
1162.0
DO55
3150.0
1162.0
DO7
–3570.0
1162.0
DO56
3290.0
1162.0
DO8
–3430.0
1162.0
DO57
3430.0
1162.0
DO9
–3290.0
1162.0
DO58
3570.0
1162.0
DO10
–3150.0
1162.0
DO59
3710.0
1162.0
DO11
–3010.0
1162.0
DO60
3850.0
1162.0
DO12
–2870.0
1162.0
DO61
3990.0
1162.0
DO13
–2730.0
1162.0
DO62
4130.0
1162.0
DO14
–2590.0
1162.0
DO63
4270.0
1162.0
DO15
–2450.0
1162.0
DO64
4410.0
1162.0
DO16
–2310.0
1162.0
COM1
–4567.0
–1162.0
DO17
–2170.0
1162.0
COM2
–4367.0
–1162.0
DO18
–2030.0
1162.0
COM3
–4167.0
–1162.0
DO19
–1890.0
1162.0
COM4
–3967.0
–1162.0
DO20
–1750.0
1162.0
VH
–3730.0
–1162.0
DO21
–1610.0
1162.0
GND
–3457.8
–1162.0
DO22
–1470.0
1162.0
SI3
–3255.8
–1162.0
DO23
–1330.0
1162.0
SI2
–3019.8
–1162.0
DO24
–1190.0
1162.0
SI1
–2755.8
–1162.0
DO25
–1050.0
1162.0
SI0
–2519.8
–1162.0
DO26
–910.0
1162.0
GND
–2215.8
–1162.0
DO27
–770.0
1162.0
VDD
–1993.4
–1162.0
DO28
–630.0
1162.0
STB5
–1791.4
–1162.0
DO29
–490.0
1162.0
STB4
–1555.4
–1162.0
DO30
–350.0
1162.0
STB3
–1291.4
–1162.0
DO31
–210.0
1162.0
STB2
–1055.4
–1162.0
DO32
–70.0
1162.0
STB1
802.4
–1162.0
DO33
70.0
1162.0
STBCLK
1038.4
–1162.0
DO34
210.0
1162.0
LOAD
1302.4
–1162.0
DO35
350.0
1162.0
LAT
1538.4
–1162.0
DO36
490.0
1162.0
CLK
1802.4
–1162.0
DO37
630.0
1162.0
VDD
1990.4
–1162.0
DO38
770.0
1162.0
GND
2212.8
–1162.0
DO39
910.0
1162.0
SO0
2516.8
–1162.0
DO40
1050.0
1162.0
SO1
2752.8
–1162.0
DO41
1190.0
1162.0
SO2
3016.8
–1162.0
DO42
1330.0
1162.0
SO3
3252.8
–1162.0
DO43
1470.0
1162.0
GND
3454.8
–1162.0
DO44
1610.0
1162.0
VH
3727.8
–1162.0
DO45
1750.0
1162.0
COM4
3967.8
–1162.0
DO46
1890.0
1162.0
COM3
4167.0
–1162.0
DO47
2030.0
1162.0
COM2
4367.0
–1162.0
DO48
2170.0
1162.0
COM1
4567.0
–1162.0
DO49
2310.0
1162.0
Note: The coordinate system places the origin at the chip center, the output pads across the top, and the
input pads across the bottom.


Similar Part No. - LC4608C

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC461MBL4-95G MARKTECH-LC461MBL4-95G Datasheet
62Kb / 3P
   Blue 95 4mm LED lamp with tinted diffused lens and stand offs.
LC461MHR4-95G MARKTECH-LC461MHR4-95G Datasheet
59Kb / 3P
   Red 95 5mm LED lamp with tinted diffused lens and stand offs.
LC461MPG4-95G MARKTECH-LC461MPG4-95G Datasheet
61Kb / 3P
   Green 95 5mm LED lamp with tinted diffused lens and stand offs
More results

Similar Description - LC4608C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
   Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
   Printer Driver?
logo
National Semiconductor ...
DS3654 NSC-DS3654 Datasheet
112Kb / 4P
   Printer Solenoid Driver
logo
Sanyo Semicon Device
2SC3705 SANYO-2SC3705 Datasheet
79Kb / 3P
   Printer Driver Applications
logo
Rohm
BD6794EFV ROHM-BD6794EFV Datasheet
325Kb / 6P
   1chip motor driver for printer
logo
Toshiba Semiconductor
MP4210 TOSHIBA-MP4210_07 Datasheet
172Kb / 7P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
MP4209 TOSHIBA-MP4209_07 Datasheet
173Kb / 7P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
MP4412 TOSHIBA-MP4412_07 Datasheet
179Kb / 8P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
logo
Sanyo Semicon Device
LB1246 SANYO-LB1246 Datasheet
69Kb / 3P
   Active-Low Input Printer Driver?
logo
Toshiba Semiconductor
MP4211 TOSHIBA-MP4211_07 Datasheet
173Kb / 7P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com