Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSN-3309A-119 Datasheet(PDF) 1 Page - Mini-Circuits

Part # KSN-3309A-119
Description  Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KSN-3309A-119 Datasheet(HTML) 1 Page - Mini-Circuits

  KSN-3309A-119 Datasheet HTML 1Page - Mini-Circuits KSN-3309A-119 Datasheet HTML 2Page - Mini-Circuits KSN-3309A-119 Datasheet HTML 3Page - Mini-Circuits KSN-3309A-119 Datasheet HTML 4Page - Mini-Circuits KSN-3309A-119 Datasheet HTML 5Page - Mini-Circuits KSN-3309A-119 Datasheet HTML 6Page - Mini-Circuits KSN-3309A-119 Datasheet HTML 7Page - Mini-Circuits KSN-3309A-119 Datasheet HTML 8Page - Mini-Circuits KSN-3309A-119 Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Page 1 of 11
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
KSN-3309A-119+
Frequency Synthesizer
50Ω
3200.25 to 3309 MHz
The Big Deal
• Low phase noise and spurious
• Robust design and construction
• Small size 0.80" x 0.58" x 0.24"
Product Overview
The KSN-3309A-119+ is a Frequency Synthesizer, designed to operate from 3200.25 to
3309 MHz for digital radio application. The KSN-3309A-119+ is packaged in a metal case
(size of 0.80" x 0.58" x 0.24") to shield against unwanted signals and noise.
Key Features
Feature
Advantages
Low phase noise and spurious:
• Phase Noise: -98 dBc/Hz typ. @ 10 kHz offset
• Comparison Spurious: -80 dBc typ.
• Reference Spurious: -100 dBc typ.
Low phase noise and spurious improve system EVM (Error
Vector Magnitude).
Robust design and construction
To enhance the robustness of KSN-3309A-119+, each internal
component is secured to the substrate with chip bonder, thereby
eliminating the risk of tombstoning during subsequent solder reflow
operations by the customer.
Small size, 0.80" x 0.58" x 0.24"
The small size enables the KSN-3309A-119+ to be used in
compact designs.
CASE STYLE: DK1182


Similar Part No. - KSN-3309A-119

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KSN-3310A-119 MINI-KSN-3310A-119 Datasheet
854Kb / 13P
   Frequency Synthesizer
KSN-3310A-119++ MINI-KSN-3310A-119+ Datasheet
854Kb / 13P
   Frequency Synthesizer
More results

Similar Description - KSN-3309A-119

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com