Electronic Components Datasheet Search |
|
KSN-3080A-119 Datasheet(PDF) 3 Page - Mini-Circuits |
|
KSN-3080A-119 Datasheet(HTML) 3 Page - Mini-Circuits |
3 / 11 page KSN-3080A-119+ Page 3 of 11 ® P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 o RoHS compliant IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp. The Design Engineers Search Engine finds the model you need, Instantly • For detailed performance specs & shopping online see TM Frequency Synthesizer Parameters Test Conditions Min. Typ. Max. Units Frequency Range - 3040 - 3080 MHz Step Size - - 10 - MHz Settling Time Within ± 1 kHz - 0.5 - mSec Output Power - 0 +3.7 +6 dBm SSB Phase Noise @ 100 Hz offset - -85 - dBc/Hz @ 1 kHz offset - -95 -90 @ 10 kHz offset - -94 -89 @ 100 kHz offset - -113 -106 @ 1 MHz offset - -135 -129 Reference Spurious Suppression Ref. Freq. 10MHz - -105 -85 dBc Comparison Spurious Suppression Step Size 10MHz - -105 -85 Non - Harmonic Spurious Suppression - - -90 - Harmonic Suppression - - -25 -18 VCO Supply Voltage +5.00 +4.75 +5.00 +5.25 V PLL Supply Voltage +3.00 +2.85 +3.00 +3.15 VCO Supply Current - - 46 55 mA PLL Supply Current - - 14 22 Reference Input (External) Frequency 10 (square wave) - 10 - MHz Amplitude 1 - 1 - V P-P Input impedance - - 100 - KΩ Phase Noise @ 1 kHz offset - - -147 - dBc/Hz RF Output port Impedance - - 50 - Ω Input Logic Level Input high voltage - 2.55 - - V Input low voltage - - - 0.55 V Digital Lock Detect Locked - 2.45 - 3.15 V Unlocked - - - 0.40 V Frequency Synthesizer PLL - ADF4106 PLL Programming - 3-wire serial 3V CMOS Register Map @ 3080 MHz F_Register - (MSB) 010111111000000010010011 (LSB) N_Register - (MSB) 001000000001001100010001 (LSB) R_Register - (MSB) 000100000000000000000100 (LSB) Electrical Specifications (over operating temperature -40°C To +85°C) Absolute Maximum Ratings Parameters Ratings VCO Supply Voltage 5.8V PLL Supply Voltage 3.6V VCO Supply Voltage to PLL Supply Voltage -0.3V to +5.8V Reference Frequency Voltage -0.3Vmin, VCC PLL +0.3Vmax Data, Clock, LE Levels -0.3Vmin, VCC PLL +0.3Vmax Operating Temperature -40°C To +85°C Storage Temperature -55°C To +100°C Permanent damage may occur if any of these limits are exceeded |
Similar Part No. - KSN-3080A-119 |
|
Similar Description - KSN-3080A-119 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |