Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVN4424Z Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZVN4424Z
Description  SOT89 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZVN4424Z Datasheet(HTML) 1 Page - Diodes Incorporated

  ZVN4424Z Datasheet HTML 1Page - Diodes Incorporated ZVN4424Z Datasheet HTML 2Page - Diodes Incorporated ZVN4424Z Datasheet HTML 3Page - Diodes Incorporated ZVN4424Z Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SOT89 N-CHANNEL ENHANCEMENT
MODE VERTICAL DMOS FET
ISSUE 1 - NOVEMBER 1998
FEATURES
*
240 Volt BV
DS
*
Extremely low R
DS(on)=4.3Ω
*
Low threshold and Fast switching
APPLICATIONS
*
Earth recall and dialling switches
*
Electronic hook switches
*
Battery powered equipment
*
Telecoms and high voltage dc-dc convertors
PARTMARKING DETAILS -
N24
COMPLEMENTARY TYPE -
ZVP4424Z
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Drain-Source Voltage
VDS
240
V
Continuous Drain Current at Tamb=25°C
ID
300
mA
Pulsed Drain Current
IDM
1.0
A
Gate Source Voltage
VGS
± 40
V
Power Dissipation at Tamb=25°C
Ptot
1 †
W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
recommended Ptot calculated using FR4 measuring 15x15x0.6mm
Refer to the handling instructions for soldering surface mount components.
ZVN4424Z
D
G
D
S


Similar Part No. - ZVN4424Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVN4424Z ZETEX-ZVN4424Z Datasheet
69Kb / 4P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - ZVN4424Z

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVP4424Z DIODES-ZVP4424Z Datasheet
110Kb / 4P
   SOT89 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com