Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSN-2346A+ Datasheet(PDF) 4 Page - Mini-Circuits

Part # KSN-2346A+
Description  Frequency Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KSN-2346A+ Datasheet(HTML) 4 Page - Mini-Circuits

  KSN-2346A+ Datasheet HTML 1Page - Mini-Circuits KSN-2346A+ Datasheet HTML 2Page - Mini-Circuits KSN-2346A+ Datasheet HTML 3Page - Mini-Circuits KSN-2346A+ Datasheet HTML 4Page - Mini-Circuits KSN-2346A+ Datasheet HTML 5Page - Mini-Circuits KSN-2346A+ Datasheet HTML 6Page - Mini-Circuits KSN-2346A+ Datasheet HTML 7Page - Mini-Circuits KSN-2346A+ Datasheet HTML 8Page - Mini-Circuits KSN-2346A+ Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Page 4 of 10
KSN-2346A+
Frequency Synthesizer
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
FREQUENCY
POWER OUTPUT
VCO CURRENT
PLL CURENT
(MHz)
(dBm)
(mA)
(mA)
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
2286
-0.15
-0.13
-0.15
23.07
24.25
25.03
9.95
12.41
14.51
2295
-0.20
-0.23
-0.19
23.05
24.23
25.01
9.91
12.36
14.46
2310
-0.21
-0.17
-0.22
23.03
24.22
24.99
9.92
12.37
14.46
2325
-0.22
-0.18
-0.29
22.98
24.19
24.95
9.92
12.38
14.48
2340
-0.30
-0.27
-0.34
22.90
24.12
24.89
9.93
12.39
14.49
2346
-0.31
-0.29
-0.36
22.88
24.10
24.85
9.99
12.44
14.55
FREQUENCY
HARMONICS (dBc)
(MHz)
F2
F3
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
2286
-33.48
-31.72
-31.73
-45.15
-48.70
-48.58
2295
-34.25
-31.16
-31.52
-46.84
-48.67
-49.75
2310
-31.85
-30.05
-29.50
-49.01
-52.38
-52.30
2325
-29.78
-28.86
-29.48
-54.42
-53.66
-52.29
2340
-26.90
-26.61
-27.98
-55.95
-56.06
-52.78
2346
-26.09
-25.72
-27.63
-58.88
-57.31
-53.86
FREQUENCY
(MHz)
PHASE NOISE (dBc/Hz) @OFFSETS
+25°C
100Hz
1kHz
10kHz
100kHz
1MHz
2286
-84.86
-87.03
-89.47
-122.84
-144.68
2295
-86.32
-87.87
-88.79
-122.63
-144.35
2310
-85.86
-86.30
-89.14
-122.68
-144.49
2325
-85.16
-85.90
-87.49
-122.08
-144.19
2340
-83.48
-86.43
-86.47
-121.51
-143.89
2346
-85.59
-85.28
-87.00
-121.55
-143.72
FREQUENCY
(MHz)
PHASE NOISE (dBc/Hz) @OFFSETS
-45°C
100Hz
1kHz
10kHz
100kHz
1MHz
2286
-83.57
-84.00
-88.50
-124.23
-146.82
2295
-84.94
-86.57
-89.33
-123.73
-146.44
2310
-81.73
-86.14
-88.41
-123.26
-146.28
2325
-82.31
-86.59
-88.51
-123.14
-145.80
2340
-84.14
-86.28
-88.06
-122.40
-145.12
2346
-83.06
-85.24
-86.87
-122.34
-145.13
FREQUENCY
(MHz)
PHASE NOISE (dBc/Hz) @OFFSETS
+85°C
100Hz
1kHz
10kHz
100kHz
1MHz
2286
-82.95
-88.05
-88.16
-121.17
-142.81
2295
-81.91
-85.95
-87.68
-120.91
-142.72
2310
-81.37
-85.13
-87.07
-120.76
-142.80
2325
-85.12
-84.89
-86.39
-120.39
-142.07
2340
-81.99
-86.33
-86.65
-120.18
-142.08
2346
-83.98
-86.34
-86.72
-119.99
-141.32
Typical Performance Data


Similar Part No. - KSN-2346A+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KSN-2300A-119 MINI-KSN-2300A-119 Datasheet
780Kb / 11P
   Frequency Synthesizer
KSN-2300A-119++ MINI-KSN-2300A-119+ Datasheet
780Kb / 11P
   Frequency Synthesizer
KSN-2310A-419 MINI-KSN-2310A-419 Datasheet
780Kb / 11P
   Frequency Synthesizer
KSN-2310A-419++ MINI-KSN-2310A-419+ Datasheet
780Kb / 11P
   Frequency Synthesizer
KSN-2354N-219 MINI-KSN-2354N-219 Datasheet
777Kb / 11P
   Frequency Synthesizer
More results

Similar Description - KSN-2346A+

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com