Electronic Components Datasheet Search |
|
KSN-2060A-119+ Datasheet(PDF) 2 Page - Mini-Circuits |
|
KSN-2060A-119+ Datasheet(HTML) 2 Page - Mini-Circuits |
2 / 11 page KSN-2060A-119+ Frequency Synthesizer ® P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 o RoHS compliant IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp. The Design Engineers Search Engine finds the model you need, Instantly • For detailed performance specs & shopping online see TM General Description The KSN-2060A-119+ is a Frequency Synthesizer, designed to operate from 2010 to 2060 MHz for cel- lular infrastructure application. The KSN-2060A-119+ is packaged in a metal case (size of 0.80" x 0.58" x 0.24") to shield against unwanted signals and noise. To enhance the robustness of KSN-2060A-119+, each internal component is secured to the substrate with chip bonder, thereby eliminating the risk of tombstoning during subsequent solder reflow operations by the customer. Features • Integrated VCO + PLL • Low phase noise and spurious • Robust design and construction • Low operating voltage (VCC VCO=+5V, VCC PLL=+5V) • Small size 0.80" x 0.58" x 0.24" Applications • Cellular infrastructure REV. OR M126018 EDR-8343F1 KSN-2060A-119+ Category-A1 RAV 100321 Page 2 of 11 50 Ω 2010 to 2060 MHz Surface Mount CASE STYLE: DK1171 PRICE: $29.95 ea. QTY (1-9) + RoHS compliant in accordance with EU Directive (2002/95/EC) The +Suffix has been added in order to identify RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications. Simplified Schematic PLL VCC PLL REF In LE DATA CLOCK LOCK DET RF Out RFinA CP VCC VCO VCO LOOP FILTER VP K� Phase Detector / Charge Pump GND FREF XTAL SPLITTER (External) Vt 1/N N COUNTER 1/R R COUNTER |
Similar Part No. - KSN-2060A-119+ |
|
Similar Description - KSN-2060A-119+ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |