Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSN-2025A Datasheet(PDF) 2 Page - Mini-Circuits

Part # KSN-2025A
Description  Frequency Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KSN-2025A Datasheet(HTML) 2 Page - Mini-Circuits

  KSN-2025A Datasheet HTML 1Page - Mini-Circuits KSN-2025A Datasheet HTML 2Page - Mini-Circuits KSN-2025A Datasheet HTML 3Page - Mini-Circuits KSN-2025A Datasheet HTML 4Page - Mini-Circuits KSN-2025A Datasheet HTML 5Page - Mini-Circuits KSN-2025A Datasheet HTML 6Page - Mini-Circuits KSN-2025A Datasheet HTML 7Page - Mini-Circuits KSN-2025A Datasheet HTML 8Page - Mini-Circuits KSN-2025A Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
KSN-2025A+
Frequency Synthesizer
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
General Description
The KSN-2025A+ is a Frequency Synthesizer, designed to operate from 2010 to 2025 MHz for TD-SCDMA
application. The KSN-2025A+ is packaged in a metal case (size of 0.80" x 0.58" x 0.15") to shield against
unwanted signals and noise. To enhance the robustness of KSN-2025A+, each internal component is
secured to the substrate with chip bonder, thereby eliminating the risk of tombstoning during subsequent
solder reflow operations by the customer.
Features
• Fractional N synthesizer
• Integrated VCO + PLL
• Low phase noise and spurious
• Robust design and construction
• Low operating voltage (VCC VCO=+5V, VCC PLL=+3V)
• Small size 0.80" x 0.58" x 0.15"
Applications
• TD-SCDMA
50
2010 to 2025 MHz
Surface Mount
CASE STYLE: DK801
PRICE: $29.95 ea. QTY (1-9)
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS
Compliance. See our web site for RoHS Compliance
methodologies and qualifications.
Simplified Schematic
PLL
VCC PLL
REF In
LE DATA CLOCK LOCK DET
RF Out
RFinA
CP
VCC VCO
VCO
LOOP FILTER
VP
K�
Phase
Detector /
Charge Pump
GND
FREF
XTAL
SPLITTER
(External)
Vt
1/N
N COUNTER
1/R
R COUNTER
REV. A
M130229
EDR-8991F1
KSN-2025A+
Category-A1
RAV
110116
Page 2 of 12


Similar Part No. - KSN-2025A

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KSN-2026A-219 MINI-KSN-2026A-219 Datasheet
863Kb / 13P
   Frequency Synthesizer
KSN-2026A-219++ MINI-KSN-2026A-219+ Datasheet
863Kb / 13P
   Frequency Synthesizer
More results

Similar Description - KSN-2025A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com