Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSN-1970A-219 Datasheet(PDF) 3 Page - Mini-Circuits

Part # KSN-1970A-219
Description  Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KSN-1970A-219 Datasheet(HTML) 3 Page - Mini-Circuits

  KSN-1970A-219 Datasheet HTML 1Page - Mini-Circuits KSN-1970A-219 Datasheet HTML 2Page - Mini-Circuits KSN-1970A-219 Datasheet HTML 3Page - Mini-Circuits KSN-1970A-219 Datasheet HTML 4Page - Mini-Circuits KSN-1970A-219 Datasheet HTML 5Page - Mini-Circuits KSN-1970A-219 Datasheet HTML 6Page - Mini-Circuits KSN-1970A-219 Datasheet HTML 7Page - Mini-Circuits KSN-1970A-219 Datasheet HTML 8Page - Mini-Circuits KSN-1970A-219 Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Page 3 of 11
KSN-1970A-219+
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
Frequency Synthesizer
Parameters
Test Conditions
Min.
Typ.
Max.
Units
Frequency Range
-
1849.6
-
1969.92
MHz
Step Size
-
-
1280
-
kHz
Settling Time
Within ± 1 kHz
-
5
-
mSec
Output Power
-
+2
+5
+7
dBm
SSB Phase Noise
@ 100 Hz offset
-
-79
-
dBc/Hz
@ 1 kHz offset
-
-88
-79
@ 10 kHz offset
-
-93
-89
@ 100 kHz offset
-
-124
-120
@ 1 MHz offset
-
-146
-142
Integrated SSB Phase Noise
@1 kHz to 5 MHz
-
-47
-41
dBc
Reference Spurious Suppression
Ref. Freq. 76.8 MHz
-
-103
-85
dBc
Comparison Spurious Suppression
Step Size 1280 kHz
-
-107
-85
Non - Harmonic Spurious Suppression
-
-
-90
-
Harmonic Suppression
-
-
-46
-25
VCO Supply Voltage
5.00
4.75
5.00
5.25
V
PLL Supply Voltage
5.00
4.75
5.00
5.25
VCO Supply Current
-
-
27
33
mA
PLL Supply Current
-
-
14
22
Reference Input
(External)
Frequency
76.8 (sine wave)
-
76.8
-
MHz
Amplitude
1
-
1
-
V
P-P
Input impedance
-
-
100
-
KΩ
Phase Noise @ 1 kHz offset
-
-
-130
-
dBc/Hz
RF Output port Impedance
-
-
50
-
Input Logic Level
Input high voltage
-
4.20
-
-
V
Input low voltage
-
-
-
0.95
V
Digital Lock Detect
Locked
-
4.35
-
5.25
V
Unlocked
-
-
-
0.40
V
Frequency Synthesizer PLL
-
ADF4113
PLL Programming
-
3-wire serial 5V CMOS
Register Map @1969.92MHz
F_Register
-
(MSB) 100111111000000010010010 (LSB)
N_Register
-
(MSB) 001000000011000000001101 (LSB)
R_Register
-
(MSB) 000100000000000011110000 (LSB)
Electrical Specifications (over operating temperature -40°C to +85°C)
Absolute Maximum Ratings
Parameters
Ratings
VCO Supply Voltage
6V
PLL Supply Voltage
6V
VCO Supply Voltage to PLL Supply Voltage
N.A
Reference Frequency Voltage
-0.3Vmin,VCC PLL +0.3Vmax
Data, Clock, LE Levels
-0.3Vmin,VCC PLL +0.3Vmax
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to +100°C
Permanent damage may occur if any of these limits are exceeded


Similar Part No. - KSN-1970A-219

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KSN-1900A-119 MINI-KSN-1900A-119 Datasheet
795Kb / 11P
   Frequency Synthesizer
KSN-1900A-119++ MINI-KSN-1900A-119+ Datasheet
795Kb / 11P
   Frequency Synthesizer
KSN-1932A-119 MINI-KSN-1932A-119 Datasheet
914Kb / 13P
   Frequency Synthesizer
KSN-1932A-119++ MINI-KSN-1932A-119+ Datasheet
914Kb / 13P
   Frequency Synthesizer
KSN-1935A MINI-KSN-1935A Datasheet
763Kb / 10P
   Frequency Synthesizer
More results

Similar Description - KSN-1970A-219

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com