Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSN-1941A-119+ Datasheet(PDF) 3 Page - Mini-Circuits

Part # KSN-1941A-119+
Description  Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KSN-1941A-119+ Datasheet(HTML) 3 Page - Mini-Circuits

  KSN-1941A-119+ Datasheet HTML 1Page - Mini-Circuits KSN-1941A-119+ Datasheet HTML 2Page - Mini-Circuits KSN-1941A-119+ Datasheet HTML 3Page - Mini-Circuits KSN-1941A-119+ Datasheet HTML 4Page - Mini-Circuits KSN-1941A-119+ Datasheet HTML 5Page - Mini-Circuits KSN-1941A-119+ Datasheet HTML 6Page - Mini-Circuits KSN-1941A-119+ Datasheet HTML 7Page - Mini-Circuits KSN-1941A-119+ Datasheet HTML 8Page - Mini-Circuits KSN-1941A-119+ Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Page 3 of 11
KSN-1941A-119+
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
Frequency Synthesizer
Parameters
Test Conditions
Min.
Typ.
Max.
Units
Frequency Range
-
1875
-
1941
MHz
Step Size
-
-
200
-
kHz
Settling Time
Within ± 1 kHz
-
2
-
mSec
Output Power
-
+1
+3
+5
dBm
SSB Phase Noise
@ 100 Hz offset
-
-78
-
dBc/Hz
@ 1 kHz offset
-
-82
-74
@ 10 kHz offset
-
-94
-88
@ 100 kHz offset
-
-126
-120
@ 1 MHz offset
-
-145
-137
Reference Spurious Suppression
Ref. Freq. 10 MHz
-
-106
-85
dBc
Comparison Spurious Suppression
Step Size 200 kHz
-
-100
-75
Non - Harmonic Spurious Suppression
-
-
-90
-
Harmonic Suppression
-
-
-57
-30
VCO Supply Voltage
+5.00
+4.85
+5.00
+5.15
V
PLL Supply Voltage
+5.00
+4.85
+5.00
+5.15
VCO Supply Current
-
-
30
40
mA
PLL Supply Current
-
-
12
25
Reference Input
(External)
Frequency
10 (square wave)
-
10
-
MHz
Amplitude
1
-
1
-
V
P-P
Input impedance
-
-
100
-
KΩ
Phase Noise @ 1 kHz offset
-
-
-140
-
dBc/Hz
RF Output port Impedance
-
-
50
-
Input Logic Level
Input high voltage
-
4.15
-
-
V
Input low voltage
-
-
-
1.00
V
Digital Lock Detect
Locked
-
4.45
-
5.15
V
Unlocked
-
-
-
0.40
V
Frequency Synthesizer PLL
-
ADF4113
PLL Programming
-
3-wire serial 5V CMOS
Register Map @1941MHz
F_Register
-
(MSB) 010111111000000010010011 (LSB)
N_Register
-
(MSB) 001000100101111000100101 (LSB)
R_Register
-
(MSB) 000100000000000011001000 (LSB)
Electrical Specifications (over operating temperature -40°C TO +85°C)
Absolute Maximum Ratings
Parameters
Ratings
VCO Supply Voltage
5.6V
PLL Supply Voltage
7.0V
VCO Supply Voltage to PLL Supply Voltage
N.A
Reference Frequency Voltage
-0.3Vmin, VCC PLL +0.3Vmax
Data, Clock, LE Levels
-0.3Vmin, VCC PLL +0.3Vmax
Operating Temperature
-40°C To +85°C
Storage Temperature
-55°C To +100°C
Permanent damage may occur if any of these limits are exceeded


Similar Part No. - KSN-1941A-119+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KSN-1900A-119 MINI-KSN-1900A-119 Datasheet
795Kb / 11P
   Frequency Synthesizer
KSN-1900A-119++ MINI-KSN-1900A-119+ Datasheet
795Kb / 11P
   Frequency Synthesizer
KSN-1932A-119 MINI-KSN-1932A-119 Datasheet
914Kb / 13P
   Frequency Synthesizer
KSN-1932A-119++ MINI-KSN-1932A-119+ Datasheet
914Kb / 13P
   Frequency Synthesizer
KSN-1935A MINI-KSN-1935A Datasheet
763Kb / 10P
   Frequency Synthesizer
More results

Similar Description - KSN-1941A-119+

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com