Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVP4525TC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZVP4525TC
Description  250V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZVP4525TC Datasheet(HTML) 1 Page - Diodes Incorporated

  ZVP4525TC Datasheet HTML 1Page - Diodes Incorporated ZVP4525TC Datasheet HTML 2Page - Diodes Incorporated ZVP4525TC Datasheet HTML 3Page - Diodes Incorporated ZVP4525TC Datasheet HTML 4Page - Diodes Incorporated ZVP4525TC Datasheet HTML 5Page - Diodes Incorporated ZVP4525TC Datasheet HTML 6Page - Diodes Incorporated ZVP4525TC Datasheet HTML 7Page - Diodes Incorporated ZVP4525TC Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
ISSUE 1 - MARCH 2001
ZVP4525E6
SUMMARY
(
DESCRIPTION
This 250V enhancement mode P-channel MOSFET provides users with a
competitive specification offering efficient power handling capability, high
impedance and is free from thermal runaway and thermally induced
secondary breakdown. Applications benefiting from this device include a
variety of Telecom and general high voltage circuits.
SOT89 and SOT223 versions are also available.
FEATURES
• High voltage
• Low on-resistance
• Fast switching speed
• Low gate drive
• Low threshold
• Complementary N-channel Type ZVN4525E6
• SOT23-6 package
APPLICATIONS
• Earth Recall and dialling switches
• Electronic hook switches
• High Voltage Power MOSFET Drivers
• Telecom call routers
• Solid state relays
ORDERING INFORMATION
DEVICE
REEL SIZE
(inches)
TAPE WIDTH (mm)
QUANTITY
PER REEL
ZVP4525TA
7
8mm embossed
3000 units
ZVP4525TC
13
8mm embossed
10000 units
DEVICE MARKING
• P52
250V P-CHANNEL ENHANCEMENT MODE MOSFET
Top View
SOT23-6


Similar Part No. - ZVP4525TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVP4525TC ZETEX-ZVP4525TC Datasheet
406Kb / 8P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZVP4525TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVP4525Z DIODES-ZVP4525Z_15 Datasheet
143Kb / 9P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525E6TC DIODES-ZVP4525E6TC Datasheet
417Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZVP4525Z ZETEX-ZVP4525Z Datasheet
399Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP25H18DLFDE DIODES-DMP25H18DLFDE_15 Datasheet
252Kb / 7P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525G DIODES-ZVP4525G Datasheet
329Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525Z DIODES-ZVP4525Z Datasheet
143Kb / 9P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525E6 DIODES-ZVP4525E6_15 Datasheet
318Kb / 7P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525G DIODES-ZVP4525G_15 Datasheet
876Kb / 7P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZVP4525G ZETEX-ZVP4525G Datasheet
399Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Guangdong Kexin Industr...
KVP4424Z KEXIN-KVP4424Z Datasheet
47Kb / 2P
   250V P-Channel Enhancement Mode Vertical MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com