Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSN-1850A-219+ Datasheet(PDF) 4 Page - Mini-Circuits

Part # KSN-1850A-219+
Description  Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KSN-1850A-219+ Datasheet(HTML) 4 Page - Mini-Circuits

  KSN-1850A-219+ Datasheet HTML 1Page - Mini-Circuits KSN-1850A-219+ Datasheet HTML 2Page - Mini-Circuits KSN-1850A-219+ Datasheet HTML 3Page - Mini-Circuits KSN-1850A-219+ Datasheet HTML 4Page - Mini-Circuits KSN-1850A-219+ Datasheet HTML 5Page - Mini-Circuits KSN-1850A-219+ Datasheet HTML 6Page - Mini-Circuits KSN-1850A-219+ Datasheet HTML 7Page - Mini-Circuits KSN-1850A-219+ Datasheet HTML 8Page - Mini-Circuits KSN-1850A-219+ Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Page 4 of 11
KSN-1850A-219+
Frequency Synthesizer
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
FREQUENCY
POWER OUTPUT
VCO CURRENT
PLL CURENT
(MHz)
(dBm)
(mA)
(mA)
-35°C
+25°C
+85°C
-35°C
+25°C
+85°C
-35°C
+25°C
+85°C
1540
6.40
6.62
6.07
20.48
22.30
22.94
9.65
11.85
13.45
1556
6.32
6.55
6.02
20.51
22.29
22.93
9.68
11.88
13.47
1592
6.28
6.53
6.02
20.42
22.20
22.87
9.73
11.90
13.49
1628
6.08
6.34
5.84
20.44
22.18
22.86
9.76
11.93
13.52
1664
6.07
6.34
5.84
20.37
22.10
22.81
9.78
11.95
13.53
1670
6.05
6.33
5.83
20.36
22.09
22.80
9.79
11.96
13.54
1700
5.96
6.25
5.76
20.31
22.02
22.77
9.81
11.98
13.56
1736
5.98
6.25
5.80
20.35
22.05
22.81
9.82
11.99
13.58
1772
5.91
6.19
5.75
20.16
21.89
22.72
9.85
12.02
13.61
1800
5.82
6.10
5.69
20.19
21.93
22.76
9.86
12.03
13.61
FREQUENCY
HARMONICS (dBc)
(MHz)
F2
F3
-35°C
+25°C
+85°C
-35°C
+25°C
+85°C
1540
-22.91
-26.19
-31.31
-42.21
-42.39
-45.08
1556
-24.66
-28.03
-33.23
-42.13
-42.15
-45.38
1592
-28.61
-32.23
-37.54
-42.43
-42.13
-46.91
1628
-33.84
-37.94
-43.19
-41.49
-41.41
-47.25
1664
-40.99
-45.97
-50.86
-40.28
-39.60
-46.85
1670
-42.58
-46.57
-50.73
-40.07
-39.42
-46.54
1700
-50.51
-49.58
-50.06
-39.00
-38.49
-44.98
1736
-44.36
-44.93
-48.19
-37.17
-35.81
-43.32
1772
-40.86
-41.75
-45.25
-35.21
-34.84
-41.82
1800
-39.88
-40.69
-44.52
-34.41
-33.32
-40.59
Typical Performance Data


Similar Part No. - KSN-1850A-219+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KSN-1852A-119 MINI-KSN-1852A-119 Datasheet
785Kb / 11P
   Frequency Synthesizer
KSN-1852A-119++ MINI-KSN-1852A-119+ Datasheet
785Kb / 11P
   Frequency Synthesizer
More results

Similar Description - KSN-1850A-219+

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com