Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSN-1682A-119 Datasheet(PDF) 6 Page - Mini-Circuits

Part # KSN-1682A-119
Description  Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KSN-1682A-119 Datasheet(HTML) 6 Page - Mini-Circuits

Back Button KSN-1682A-119 Datasheet HTML 2Page - Mini-Circuits KSN-1682A-119 Datasheet HTML 3Page - Mini-Circuits KSN-1682A-119 Datasheet HTML 4Page - Mini-Circuits KSN-1682A-119 Datasheet HTML 5Page - Mini-Circuits KSN-1682A-119 Datasheet HTML 6Page - Mini-Circuits KSN-1682A-119 Datasheet HTML 7Page - Mini-Circuits KSN-1682A-119 Datasheet HTML 8Page - Mini-Circuits KSN-1682A-119 Datasheet HTML 9Page - Mini-Circuits KSN-1682A-119 Datasheet HTML 10Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Page 6 of 11
KSN-1682A-119+
Frequency Synthesizer
®
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
IF/RF MICROWAVE COMPONENTS
TM
ISO 9001 ISO 14001 AS 9100 CERTIFIED
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
The Design Engineers Search Engine
finds the model you need, Instantly.
For detailed performance specs & shopping online see
TM
ISO 9001 ISO 14001 AS 9100 CERTIFIED
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
IF/RF MICROWAVE COMPONENTS
40TH
ANNIVERSARY
1969-2009
40TH
ANNIVERSARY
1969-2009
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o S
RoHS compliant
IF/RF MICROWAVE COMPONENTS • ISO 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
REFERENCE
SPURIOUS
ORDER
REFERENCE SPURIOUS
@Fcarrier
1611MHz+(n*Freference)
(dBc) note 3
REFERENCE SPURIOUS
@Fcarrier
1646.5MHz+(n*Freference)
(dBc) note 3
REFERENCE SPURIOUS
@Fcarrier
1682MHz+(n*Freference)
(dBc) note 3
n
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-5
-105.51
-103.73
-114.20
-100.47
-106.14
-107.24
-105.14
-108.14
-110.63
-4
-101.12
-103.53
-104.57
-102.87
-106.88
-106.86
-104.43
-107.04
-108.08
-3
-114.66
-109.57
-113.21
-110.50
-110.43
-118.67
-117.23
-116.26
-119.33
-2
-110.91
-113.88
-113.43
-109.03
-110.01
-113.46
-110.35
-106.18
-110.81
-1
-118.48
-88.71
-117.42
-118.86
-96.65
-118.84
-116.08
-95.60
-118.92
0note 4
-
-
-
-
-
-
-
-
-
+1
-115.15
-105.76
-120.49
-118.27
-93.75
-119.33
-115.60
-117.29
-120.22
+2
-116.44
-117.41
-120.24
-116.66
-112.56
-118.45
-119.37
-111.37
-116.38
+3
-120.15
-114.28
-115.68
-115.96
-115.26
-118.64
-119.31
-118.51
-120.69
+4
-110.32
-105.49
-111.86
-111.85
-106.20
-114.03
-111.62
-106.98
-114.64
+5
-107.26
-108.11
-112.77
-107.70
-105.83
-112.05
-112.77
-110.01
-117.78
COMPARISON
SPURIOUS
ORDER
COMPARISON SPURIOUS
@Fcarrier
1611MHz+(n*Fcomparison)
(dBc) note 1
COMPARISON SPURIOUS
@Fcarrier
1646.5MHz+(n*Fcomparison)
(dBc) note 1
COMPARISON SPURIOUS
@Fcarrier
1682MHz+(n*Fcomparison)
(dBc) note 1
n
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-5
-95.55
-105.60
-92.84
-88.50
-95.05
-98.88
-100.07
-98.51
-96.11
-4
-93.65
-104.74
-92.18
-86.06
-92.64
-94.21
-95.21
-97.12
-91.94
-3
-90.33
-100.14
-89.71
-84.35
-91.06
-91.38
-94.08
-92.21
-92.33
-2
-83.25
-78.60
-84.90
-82.78
-87.32
-82.47
-83.32
-91.40
-84.60
-1
-82.06
-85.99
-75.56
-76.63
-79.71
-86.11
-85.97
-85.99
-83.04
0note 2
-
-
-
-
-
-
-
-
-
+1
-82.23
-84.32
-74.97
-76.29
-79.51
-83.69
-81.74
-83.58
-83.91
+2
-88.77
-92.09
-85.76
-81.56
-86.36
-85.18
-83.73
-89.48
-85.31
+3
-92.52
-102.86
-89.56
-82.78
-91.96
-91.21
-90.56
-93.09
-92.00
+4
-91.99
-104.23
-91.40
-88.03
-93.70
-92.96
-94.74
-94.61
-92.66
+5
-94.69
-103.96
-92.93
-89.35
-95.80
-99.86
-98.88
-100.05
-95.52
Note 1: Comparison frequency 50 kHz
Note 2: All spurs are referenced to carrier signal (n=0).
Note 3: Reference frequency 24 MHz
Note 4: All spurs are referenced to carrier signal (n=0).


Similar Part No. - KSN-1682A-119

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KSN-1600A-219 MINI-KSN-1600A-219 Datasheet
760Kb / 10P
   Frequency Synthesizer
KSN-1600A-219++ MINI-KSN-1600A-219+ Datasheet
760Kb / 10P
   Frequency Synthesizer
KSN-1620A-119 MINI-KSN-1620A-119 Datasheet
787Kb / 11P
   Frequency Synthesizer
KSN-1620A-119++ MINI-KSN-1620A-119+ Datasheet
787Kb / 11P
   Frequency Synthesizer
KSN-1645A-119 MINI-KSN-1645A-119 Datasheet
757Kb / 10P
   Frequency Synthesizer
More results

Similar Description - KSN-1682A-119

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com