Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX5T955GTC Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZX5T955GTC
Description  140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZX5T955GTC Datasheet(HTML) 6 Page - Diodes Incorporated

  ZX5T955GTC Datasheet HTML 1Page - Diodes Incorporated ZX5T955GTC Datasheet HTML 2Page - Diodes Incorporated ZX5T955GTC Datasheet HTML 3Page - Diodes Incorporated ZX5T955GTC Datasheet HTML 4Page - Diodes Incorporated ZX5T955GTC Datasheet HTML 5Page - Diodes Incorporated ZX5T955GTC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ZX5T955G
6
ISSUE 2 - AUGUST 2004
Europe
Zetex plc
Fields New Road
Chadderton
Oldham, OL9 8NP
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza Tower 1
Hing Fong Road
Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to
www.zetex.com
© Zetex plc 2003
PACKAGE OUTLINE
Controlling dimensions are in millimeters. Approximate conversions are given in inches
PAD LAYOUT DETAILS
DIM
Millimeters
Inches
DIM
Millimeters
Inches
Min
Max
Min
Max
Min
Max
Min
Max
A
-
1.80
-
0.071
e
2.30 BSC
0.0905 BSC
A1
0.02
0.10
0.0008
0.004
e1
4.60 BSC
0.181 BSC
b
0.66
0.84
0.026
0.033
E
6.70
7.30
0.264
0.287
b2
2.90
3.10
0.114
0.122
E1
3.30
3.70
0.130
0.146
C
0.23
0.33
0.009
0.013
L
0.90
-
0.355
-
D
6.30
6.70
0.248
0.264
-
----
PACKAGE DIMENSIONS


Similar Part No. - ZX5T955GTC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZX5T955GTC ETC-ZX5T955GTC Datasheet
113Kb / 6P
   140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results

Similar Description - ZX5T955GTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP2014G DIODES-ZXTP2014G Datasheet
119Kb / 6P
   140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR
logo
Zetex Semiconductors
ZX5T955Z ZETEX-ZX5T955Z Datasheet
94Kb / 6P
   140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZX5T955Z DIODES-ZX5T955Z Datasheet
261Kb / 8P
   140V PNP Low saturation medium power transistor in SOT89
logo
Zetex Semiconductors
ZXTP2014Z ZETEX-ZXTP2014Z Datasheet
107Kb / 6P
   140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2014G DIODES-ZXTP2014G_15 Datasheet
429Kb / 7P
   140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTP2014G ZETEX-ZXTP2014G Datasheet
112Kb / 6P
   140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T955Z DIODES-ZX5T955Z_15 Datasheet
261Kb / 8P
   140V PNP Low saturation medium power transistor in SOT89
logo
List of Unclassifed Man...
ZX5T955G ETC-ZX5T955G Datasheet
113Kb / 6P
   140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTP2014Z DIODES-ZXTP2014Z Datasheet
116Kb / 6P
   140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2014Z DIODES-ZXTP2014Z_15 Datasheet
116Kb / 6P
   140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com