Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXBM1017ST20TC Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXBM1017ST20TC
Description  VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXBM1017ST20TC Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXBM1017ST20TC Datasheet HTML 2Page - Diodes Incorporated ZXBM1017ST20TC Datasheet HTML 3Page - Diodes Incorporated ZXBM1017ST20TC Datasheet HTML 4Page - Diodes Incorporated ZXBM1017ST20TC Datasheet HTML 5Page - Diodes Incorporated ZXBM1017ST20TC Datasheet HTML 6Page - Diodes Incorporated ZXBM1017ST20TC Datasheet HTML 7Page - Diodes Incorporated ZXBM1017ST20TC Datasheet HTML 8Page - Diodes Incorporated ZXBM1017ST20TC Datasheet HTML 9Page - Diodes Incorporated ZXBM1017ST20TC Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PIN FUNCTIONAL DESCRIPTION
H+ - Positive Hall input
H- - Negative Hall input
The rotor position is detected by a Hall sensor, with the
output applied to the H+ and H- pins. This sensor can be
either a 4 pin 'naked' Hall device or of the 3 pin buffered
switching type. For a 4 pin device the differential Hall
output signal is connected to the H+ and H- pins. For a
buffered Hall sensor the Hall device output is attached
to the H+ pin, with a pull-up attached if needed, whilst
the H- pin has an external potential divider attached to
hold the pin at half Vcc. When H+ is high in relation to
H-, Ph2 is the active drive.
H-Bias- Hall Bias Output
This is a 1.75V nominal voltage source to bias a differential
unbufferred Hall sensor when that type is used.
ThRef - Network Reference
This is a reference voltage of nominal 5V and is used by
external networks to set up the SPD and SMIN pins
control voltages.
It is designed for the ability to 'source' current and
therefore it will not 'sink' any current from a higher
voltage. The current drawn from the pin by the
minimum speed potential divider to pin SMIN and any
voltage setting network on the SPD pin should not
exceed 10mA in total.
SPD - Speed Control Input
The voltage applied to the SPD pin provides control
over the Fan Motor speed by varying the Pulse Width
Modulated (PWM) drive ratio at the Ph1Lo and Ph2Lo
outputs. The control signal takes the form of a voltage
input of range 3V to 1V, representing 0% to 100% drive
respectively.
If variable speed control is not required this pin can be
left with an external potential divider to set a fixed
speed or tied to ground to provide full speed i.e. 100%
PWM drive.
The advantage of a fixed potential divider is so that the
benefit of the current control can be achieved.
If required this pin can also be used as a disable pin.
The application of a voltage >3.0V will force the PWM
drive fully off, in effect disabling the drive.
SMIN - Sets Minimum Speed
A voltage can be set on this pin via a potential divider
between the ThRef and Gnd. This voltage is monitored
by the SPD pin such that the SPD voltage cannot rise
above the SMIN Voltage. As a higher voltage on the
SPD pin represents a lower speed it therefore restricts
the lower speed range of the fan. If this feature is not
required the pin is left tied to ThRef so no minimum
speed will be set.
If the fan is being controlled from an external voltage
source either this feature should not be used or if it is
required then a >1k
resistor should be placed in series
with the SPD pin.
ComDel - Adjusts the Commutation Delay
The ZXBM1017 has a fixed internal commutation delay
of 100us, however, there may be cases where this
needs to be adjusted to a different value. A resistor can
be attached to this pin to enable the delay to be
lengthened or shortened dependant upon application.
A resistor applied between the ComDel pin and Gnd
will lengthen the delay and a resistor applied between
the ComDel pin and ThRef will shorthen the delay. The
following Table indicates the delay expected for a
given resistor value.
Typical Commutation Delay
Resistor to
ThRef
Resistor to Gnd
Delay ( s)
100k
-28
220k
-40
--
80
-
470k
120
-
300k
168
CPWM - Sets PWM Frequency
This pin has an external capacitor attached to set the
PWM frequency for the Phase drive outputs. A
capacitor value of 0.1nF will provide a PWM frequency
of typically 24kHz.
The CPWM timing period (tPWM) is determined by the
following equation:
t
VV
x C
I
VV
x C
I
PWM
THH
THL
PWMC
THH
THL
PWMD
=
+
()
()
Where:
C = CPWM +15, in pF
VTHH and VTHL are the CPWM pin
threshold voltages
IPWMC and IPWMD are the charge and
discharge currents in
A.
tPWM is in s
ZXBM1017
ISSUE 4 - MAY 2007
6


Similar Part No. - ZXBM1017ST20TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM1017ST20TC ZETEX-ZXBM1017ST20TC Datasheet
157Kb / 12P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
ZXBM1017ST20TC ZETEX-ZXBM1017ST20TC Datasheet
130Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
More results

Similar Description - ZXBM1017ST20TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM1015 ZETEX-ZXBM1015_07 Datasheet
104Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
ZXBM1004 ZETEX-ZXBM1004 Datasheet
265Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
ZXBM1017 ZETEX-ZXBM1017 Datasheet
157Kb / 12P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM1004 DIODES-ZXBM1004 Datasheet
340Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM1017 ZETEX-ZXBM1017_07 Datasheet
130Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
ZXBM1004 ZETEX-ZXBM1004_07 Datasheet
263Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM1015 DIODES-ZXBM1015 Datasheet
124Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM1015 ZETEX-ZXBM1015 Datasheet
130Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2004 DIODES-ZXBM2004 Datasheet
224Kb / 12P
   VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM2004 ZETEX-ZXBM2004 Datasheet
249Kb / 12P
   VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com