Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCT1023 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXCT1023
Description  MICROPOWER FIXED GAIN OF 50 CURRENT MONITOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1023 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXCT1023 Datasheet HTML 1Page - Diodes Incorporated ZXCT1023 Datasheet HTML 2Page - Diodes Incorporated ZXCT1023 Datasheet HTML 3Page - Diodes Incorporated ZXCT1023 Datasheet HTML 4Page - Diodes Incorporated ZXCT1023 Datasheet HTML 5Page - Diodes Incorporated ZXCT1023 Datasheet HTML 6Page - Diodes Incorporated ZXCT1023 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ZXCT1023
MICROPOWER FIXED GAIN OF 50 CURRENT MONITOR
ZXCT1023
Rev. 2
3 of 7
www.diodes.com
October 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical DC characteristics
S+ input current vs Supply voltage
Normalised gain error Vs Sense voltage
Differential gain Vs Sense voltage
Output Voltage Vs Sense voltage
Output voltage VS+ Input voltage
Relative output voltage change Vs Temperature
VSENSE = 0V, VS+ = 3.6V
0
0.5
1
1.5
2
2.5
2468
10
12
14
16
18
20
VS+ (V)
TA = -40°C
TA = 0°C
TA = 85°C
Vs+ = 3.6v
Relative to gain = 50
-2%
-1%
0%
1%
2%
3%
0
10203040
50
VSENSE (mV)
TA = 85°C
TA = -40°C
TA = 0°C
TA = 25°C
VS+ = 3.6V
-40°C
25°C
85°C
20
30
40
50
60
70
02468
10
VSENSE (mV)
TA = 0°C
VS+ = 3.6V
0
0.5
1
1.5
2
2.5
3
3.5
0
1020304050
60
VSENSE (mV)
TA = 85°C
TA = 25°C
TA = 0°C
TA = -40°C
TA = 25°C
VSENSE = 10mV
VSENSE = 30mV
VSENSE = 50mV
0
0.5
1
1.5
2
2.5
3
2468
10
12
14
16
18
20
VS+ (V)
VS+ =3.6V
w.r.t. VOUT at 25°C
VSENSE = 10mV, 30mV, 50mV
10mV
30mV
30mV
50mV
50mV
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
0.6%
-40
-15
10
35
60
85
Temperature (°C)


Similar Part No. - ZXCT1023

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCT1023 DIODES-ZXCT1023 Datasheet
203Kb / 6P
   MICROPOWER FIXED GAIN OF 50 CURRENT MONITOR
ZXCT1023DFGTA DIODES-ZXCT1023DFGTA Datasheet
203Kb / 6P
   MICROPOWER FIXED GAIN OF 50 CURRENT MONITOR
More results

Similar Description - ZXCT1023

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCT1023 DIODES-ZXCT1023 Datasheet
203Kb / 6P
   MICROPOWER FIXED GAIN OF 50 CURRENT MONITOR
ZXCT1107Q DIODES-ZXCT1107Q Datasheet
620Kb / 17P
   AUTOMOTIVE COMPLIANT MICROPOWER CURRENT MONITOR
ZXCT1009Q DIODES-ZXCT1009Q Datasheet
647Kb / 8P
   AUTOMOTIVE GRADE MICROPOWER CURRENT MONITOR
logo
Supertex, Inc
HV7800 SUTEX-HV7800_13 Datasheet
661Kb / 7P
   High Side Current Monitor 8.0 to 450V Voltage Gain of 1
HV7801 SUTEX-HV7801_13 Datasheet
545Kb / 5P
   High Side Current Monitor 8.0 to 450V Voltage Gain of 5
logo
Linear Integrated Syste...
LT1101 LINEAR-LT1101_1 Datasheet
238Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier (Fixed Gain = 10 or 100)
logo
Linear Technology
LT1101 LINER-LT1101 Datasheet
922Kb / 12P
   Precision, Micropower, Single Supply Instrumentation Amplifier(Fixed Gain=10 or 100)
logo
SHIKUES Electronics
2SC3052 SKTECHNOLGY-2SC3052 Datasheet
2Mb / 3P
   Excellent linearity of DC forward current gain
logo
Linear Technology
LTC2965 LINER-LTC2965 Datasheet
241Kb / 18P
   100V Micropower Single Voltage Monitor
LTC2966 LINER-LTC2966 Datasheet
258Kb / 20P
   100V Micropower Dual Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com