Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXGD3003E6 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXGD3003E6
Description  5A(peak) gate driver in SOT23-6
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3003E6 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXGD3003E6 Datasheet HTML 1Page - Diodes Incorporated ZXGD3003E6 Datasheet HTML 2Page - Diodes Incorporated ZXGD3003E6 Datasheet HTML 3Page - Diodes Incorporated ZXGD3003E6 Datasheet HTML 4Page - Diodes Incorporated ZXGD3003E6 Datasheet HTML 5Page - Diodes Incorporated ZXGD3003E6 Datasheet HTML 6Page - Diodes Incorporated ZXGD3003E6 Datasheet HTML 7Page - Diodes Incorporated ZXGD3003E6 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXGD3003E6
Issue 2 - October 2007
4
www.zetex.com
© Zetex Semiconductors plc 2007
Electrical characteristics (at Tamb = 25°C unless otherwise stated).
Switching time test circuits
Timing diagram
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Output voltage, high
VOH
VCC – 0.4
V
Isource = 1 A
Output voltage, low
VOL
0.4
V
Isink = 1 A
Source output leakage
current
IL(source)
1
AVCC = 40V,
VIN1 = VIN2 = 0V
Sink output leakage
current
IL(sink)
1
AVCC = 40V,
VIN1 = VIN2 = VCC
Quiescent current
IQ
20
nA
VCC = 32V,
VIN1 = VIN2 = 0V
Source output current I(source)
11.6
A
IIN1+IIN2 = 10mA
Sink output current
I(sink)
11.4
A
IIN1+IIN2 = 10mA
Source output current I(source)PK
5A
IIN1+IIN2 = 500mA
Sink output current
I(sink)PK
5A
IIN1+IIN2 = 500mA
Gate driver
switching times
td(rise)
tr
td(fall)
tf
1.8
8.9
1.7
8.9
ns
ns
ns
ns
CL=1nF, RL=1 ,
VCC=12V, VIN=10V,
RS=25
Gate driver
switching times
td(rise)
tr
td(fall)
tf
4
77
4
85
ns
ns
ns
ns
CL=1nF, RL=1 ,
VCC=12V, VIN=10V,
RS=1k


Similar Part No. - ZXGD3003E6

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXGD3003E6 ZETEX-ZXGD3003E6 Datasheet
382Kb / 8P
   5A(peak) gate driver
logo
Diodes Incorporated
ZXGD3003E6Q DIODES-ZXGD3003E6Q Datasheet
885Kb / 8P
   40V 5A GATE DRIVER IN SOT26
February 2020
ZXGD3003E6QTA DIODES-ZXGD3003E6QTA Datasheet
885Kb / 8P
   40V 5A GATE DRIVER IN SOT26
February 2020
logo
Zetex Semiconductors
ZXGD3003E6TA ZETEX-ZXGD3003E6TA Datasheet
382Kb / 8P
   5A(peak) gate driver
logo
Diodes Incorporated
ZXGD3003E6 DIODES-ZXGD3003E6_15 Datasheet
395Kb / 8P
   5A(peak) gate driver in SOT23-6
More results

Similar Description - ZXGD3003E6

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3003E6 DIODES-ZXGD3003E6_15 Datasheet
395Kb / 8P
   5A(peak) gate driver in SOT23-6
logo
Zetex Semiconductors
ZXGD3002E6 ZETEX-ZXGD3002E6 Datasheet
442Kb / 8P
   9A(peak) Gate driver in SOT23-6
logo
Diodes Incorporated
ZXGD3001E6 DIODES-ZXGD3001E6_15 Datasheet
450Kb / 8P
   9A(peak) Gate driver in SOT23-6
ZXGD3004E6 DIODES-ZXGD3004E6_15 Datasheet
231Kb / 8P
   8A(peak) gate driver in SOT23-6
ZXGD3001E6 DIODES-ZXGD3001E6 Datasheet
450Kb / 8P
   9A(peak) Gate driver in SOT23-6
ZXGD3002E6 DIODES-ZXGD3002E6_15 Datasheet
449Kb / 8P
   9A(peak) Gate driver in SOT23-6
ZXGD3002E6 DIODES-ZXGD3002E6 Datasheet
449Kb / 8P
   9A(peak) Gate driver in SOT23-6
ZXGD3004E6 DIODES-ZXGD3004E6 Datasheet
231Kb / 8P
   8A(peak) gate driver in SOT23-6
logo
Zetex Semiconductors
ZXGD3003E6 ZETEX-ZXGD3003E6 Datasheet
382Kb / 8P
   5A(peak) gate driver
logo
Diodes Incorporated
ZXGD3005E6 DIODES-ZXGD3005E6 Datasheet
140Kb / 7P
   10A (PEAK) GATE DRIVER IN SOT26
DS35095 Rev. 1 ??2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com