Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT139-600E Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BT139-600E
Description  4Q Triac High blocking voltage capability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT139-600E Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BT139-600E Datasheet HTML 3Page - NXP Semiconductors BT139-600E Datasheet HTML 4Page - NXP Semiconductors BT139-600E Datasheet HTML 5Page - NXP Semiconductors BT139-600E Datasheet HTML 6Page - NXP Semiconductors BT139-600E Datasheet HTML 7Page - NXP Semiconductors BT139-600E Datasheet HTML 8Page - NXP Semiconductors BT139-600E Datasheet HTML 9Page - NXP Semiconductors BT139-600E Datasheet HTML 10Page - NXP Semiconductors BT139-600E Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
BT139-600E
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 04 — 24 February 2011
7 of 14
NXP Semiconductors
BT139-600E
4Q Triac
6.
Characteristics
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
IGT
gate trigger current
VD =12V; IT = 0.1 A; T2+ G+;
Tj = 25 °C; see Figure 7
-2.5
10
mA
VD =12V; IT = 0.1 A; T2+ G-;
Tj = 25 °C; see Figure 7
-4
10
mA
VD =12V; IT = 0.1 A; T2- G-;
Tj = 25 °C; see Figure 7
-5
10
mA
VD =12V; IT = 0.1 A; T2- G+;
Tj = 25 °C; see Figure 7
-11
25
mA
IL
latching current
VD =12V; IG = 0.1 A; T2+ G+;
Tj = 25 °C; see Figure 8
-3.2
30
mA
VD =12V; IG = 0.1 A; T2+ G-;
Tj = 25 °C; see Figure 8
-
1640mA
VD =12V; IG = 0.1 A; T2- G-;
Tj = 25 °C; see Figure 8
-4
30
mA
VD =12V; IG = 0.1 A; T2- G+;
Tj = 25 °C; see Figure 8
-5.5
40
mA
IH
holding current
VD =12V; Tj = 25 °C; see Figure 9
-4
45
mA
VT
on-state voltage
IT =20A; Tj =25°C; see Figure 10
-1.2
1.6
V
VGT
gate trigger voltage
VD =12V; IT = 0.1 A; Tj =25 °C;
see Figure 11
-0.7
1.5
V
VD =400 V; IT =0.1 A; Tj = 125 °C
0.25
0.4
-
V
ID
off-state current
VD =402 V; Tj = 125 °C
-
0.1
0.5
mA
Dynamic characteristics
dVD/dt
rate of rise of off-state voltage
VDM = 402 V; Tj =125 °C;
exponential waveform; gate open
circuit
-50
-
V/µs
tgt
gate-controlled turn-on time
ITM =20A; VD =600 V;
IG = 100 mA; dIG/dt = 5 A/µs
-2
-µs


Similar Part No. - BT139-600E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT139-600E PHILIPS-BT139-600E Datasheet
44Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
logo
Kersemi Electronic Co.,...
BT139-600E KERSEMI-BT139-600E Datasheet
762Kb / 4P
   Glass passivated triacs in a plastic
logo
NXP Semiconductors
BT139-600E NXP-BT139-600E Datasheet
76Kb / 12P
   BT139 series E Triacs; sensitive gate
Rev. 03-23 September 2004
logo
Inchange Semiconductor ...
BT139-600E ISC-BT139-600E Datasheet
132Kb / 1P
   isc Triacs
logo
NXP Semiconductors
BT139-600E PHILIPS-BT139-600E Datasheet
48Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
More results

Similar Description - BT139-600E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA204S-1000C NXP-BTA204S-1000C Datasheet
667Kb / 15P
   3Q Hi-Com Triac High blocking voltage capability
Rev. 1-6 June 2011
BT139-800G NXP-BT139-800G Datasheet
194Kb / 14P
   High blocking voltage capability
Rev. 5-23 March 2011
BT138B-600-118 PHILIPS-BT138B-600-118 Datasheet
212Kb / 14P
   High blocking voltage capability
26 September 2013
logo
DIYI Electronic Technol...
BTB06F-600T DYELEC-BTB06F-600T Datasheet
1Mb / 3P
   4Q Triac
logo
WeEn Semiconductors
BT138B-600 WEEN-BT138B-600 Datasheet
261Kb / 13P
   4Q Triac
BT138Y-800E WEEN-BT138Y-800E Datasheet
267Kb / 13P
   4Q Triac
BT139B-800G WEEN-BT139B-800G Datasheet
488Kb / 13P
   4Q Triac
BT234X-800D WEEN-BT234X-800D Datasheet
472Kb / 13P
   4Q Triac
BTA41-600B WEEN-BTA41-600B Datasheet
867Kb / 12P
   4Q Triac
BTA41-800B WEEN-BTA41-800B Datasheet
702Kb / 12P
   4Q Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com