Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT139-600E Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BT139-600E
Description  4Q Triac High blocking voltage capability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BT139-600E Datasheet(HTML) 1 Page - NXP Semiconductors

  BT139-600E Datasheet HTML 1Page - NXP Semiconductors BT139-600E Datasheet HTML 2Page - NXP Semiconductors BT139-600E Datasheet HTML 3Page - NXP Semiconductors BT139-600E Datasheet HTML 4Page - NXP Semiconductors BT139-600E Datasheet HTML 5Page - NXP Semiconductors BT139-600E Datasheet HTML 6Page - NXP Semiconductors BT139-600E Datasheet HTML 7Page - NXP Semiconductors BT139-600E Datasheet HTML 8Page - NXP Semiconductors BT139-600E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1.
Product profile
1.1 General description
Planar passivated sensitive gate four quadrant triac in a SOT78 (TO-220AB) plastic
package intended for use in applications requiring high bidirectional transient and blocking
voltage capability and high thermal cycling performance. Typical applications include
motor control, industrial and domestic lighting, heating and static switching. This sensitive
gate "series E" triac is intended to be interfaced directly to microcontrollers, logic
integrated circuits and other low power gate trigger circuits.
1.2 Features and benefits
High blocking voltage capability
High noise immunity
Planar passivated for voltage
ruggedness and reliability
Sensitive gate
Triggering in all four quadrants
1.3 Applications
General purpose motor control
General purpose switching
1.4 Quick reference data
BT139-600E
4Q Triac
Rev. 04 — 24 February 2011
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDRM
repetitive peak off-state
voltage
[1]
--600
V
ITSM
non-repetitive peak
on-state current
full sine wave; Tj(init) =25°C;
tp = 20 ms; see Figure 4;
see Figure 5
--155
A
IT(RMS)
RMS on-state current
full sine wave; Tmb ≤ 99 °C;
see Figure 1; see Figure 2;
see Figure 3
--16
A


Similar Part No. - BT139-600E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT139-600E PHILIPS-BT139-600E Datasheet
44Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
logo
Kersemi Electronic Co.,...
BT139-600E KERSEMI-BT139-600E Datasheet
762Kb / 4P
   Glass passivated triacs in a plastic
logo
NXP Semiconductors
BT139-600E NXP-BT139-600E Datasheet
76Kb / 12P
   BT139 series E Triacs; sensitive gate
Rev. 03-23 September 2004
logo
Inchange Semiconductor ...
BT139-600E ISC-BT139-600E Datasheet
132Kb / 1P
   isc Triacs
logo
NXP Semiconductors
BT139-600E PHILIPS-BT139-600E Datasheet
48Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
More results

Similar Description - BT139-600E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA204S-1000C NXP-BTA204S-1000C Datasheet
667Kb / 15P
   3Q Hi-Com Triac High blocking voltage capability
Rev. 1-6 June 2011
BT139-800G NXP-BT139-800G Datasheet
194Kb / 14P
   High blocking voltage capability
Rev. 5-23 March 2011
BT138B-600-118 PHILIPS-BT138B-600-118 Datasheet
212Kb / 14P
   High blocking voltage capability
26 September 2013
logo
DIYI Electronic Technol...
BTB06F-600T DYELEC-BTB06F-600T Datasheet
1Mb / 3P
   4Q Triac
logo
WeEn Semiconductors
BT138B-600 WEEN-BT138B-600 Datasheet
261Kb / 13P
   4Q Triac
BT138Y-800E WEEN-BT138Y-800E Datasheet
267Kb / 13P
   4Q Triac
BT139B-800G WEEN-BT139B-800G Datasheet
488Kb / 13P
   4Q Triac
BT234X-800D WEEN-BT234X-800D Datasheet
472Kb / 13P
   4Q Triac
BTA41-600B WEEN-BTA41-600B Datasheet
867Kb / 12P
   4Q Triac
BTA41-800B WEEN-BTA41-800B Datasheet
702Kb / 12P
   4Q Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com