Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH175 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AH175
Description  HALL EFFECT LATCH FOR HIGH TEMPERATURE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH175 Datasheet(HTML) 7 Page - Diodes Incorporated

  AH175 Datasheet HTML 1Page - Diodes Incorporated AH175 Datasheet HTML 2Page - Diodes Incorporated AH175 Datasheet HTML 3Page - Diodes Incorporated AH175 Datasheet HTML 4Page - Diodes Incorporated AH175 Datasheet HTML 5Page - Diodes Incorporated AH175 Datasheet HTML 6Page - Diodes Incorporated AH175 Datasheet HTML 7Page - Diodes Incorporated AH175 Datasheet HTML 8Page - Diodes Incorporated AH175 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AH175
HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH175
Document number: DS31043 Rev. 10 - 2
7 of 9
www.diodes.com
July 2010
© Diodes Incorporated
Package Outline Dimensions (All Dimensions in mm)
(1) Package Type: SIP-3L for Bulk pack
Active Area Depth
Sensor Location
12
3
2.00 +/-
0.10mm
1.15 +/-
0.10mm
0.51mm
NOM
BRANDED
SURFACE
Package Dimension


Similar Part No. - AH175

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH175 ANACHIP-AH175 Datasheet
162Kb / 6P
   Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH175 DIODES-AH175 Datasheet
118Kb / 8P
   HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH175 Rev. 4
logo
Anachip Corp
AH175-P-A ANACHIP-AH175-P-A Datasheet
162Kb / 6P
   Hall Effect Latch For High Temperature
AH175-P-B ANACHIP-AH175-P-B Datasheet
162Kb / 6P
   Hall Effect Latch For High Temperature
AH175-PA-A ANACHIP-AH175-PA-A Datasheet
162Kb / 6P
   Hall Effect Latch For High Temperature
More results

Similar Description - AH175

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH175 ANACHIP-AH175 Datasheet
162Kb / 6P
   Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH175 DIODES-AH175 Datasheet
118Kb / 8P
   HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH175 Rev. 4
logo
Nanjing Ouzhuo Technolo...
OH413 OHHALLSENSOR-OH413 Datasheet
142Kb / 2P
   Hall Effect Latch IC For High Temperature
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
   Hall Effect Latch for High Temperature Operation
logo
Anachip Corp
AH174 ANACHIP-AH174 Datasheet
179Kb / 6P
   Inverted Output Hall Effect Latch For High Temperature
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH173 DIODES-AH173 Datasheet
123Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
logo
Unisonic Technologies
SK1816A UTC-SK1816A_17 Datasheet
197Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1826 UTC-SK1826 Datasheet
193Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT FOR HIGH-TEMPERATURE OPERATION
SK1812 UTC-SK1812_07 Datasheet
58Kb / 6P
   BIPOLAR LATCH TYPE HALL - EFFECT FOR HIGH-TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com