Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH182 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH182
Description  LOW POWER HALL EFFECT SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH182 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH182_09 Datasheet HTML 1Page - Diodes Incorporated AH182_09 Datasheet HTML 2Page - Diodes Incorporated AH182_09 Datasheet HTML 3Page - Diodes Incorporated AH182_09 Datasheet HTML 4Page - Diodes Incorporated AH182_09 Datasheet HTML 5Page - Diodes Incorporated AH182_09 Datasheet HTML 6Page - Diodes Incorporated AH182_09 Datasheet HTML 7Page - Diodes Incorporated AH182_09 Datasheet HTML 8Page - Diodes Incorporated AH182_09 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AH182/AH183
LOW POWER HALL EFFECT SWITCH
AH182/AH183 Rev. 8
2 of 10
NOVEMBER 2009
DS31024
www.diodes.com
© Diodes Incorporated
AH182 / AH183 - X X - X
Packing
W : SC59
Package
Lead Free
L : Lead Free
CMOS Hall-effect Switch
B : Bulk (Note 4)
7 : Tape & Reel
A : Ammo Box (Note 3)
P : SIP-3L
G : Green
Device
Package
Code
Packaging
(Note 2)
Bulk
7” Tape and Reel
Ammo Box
Quantity
Part
Number
Suffix
Quantity
Part
Number
Suffix
Quantity
Part
Number
Suffix
AH182/AH183-PL-A
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
AH182/AH183-PL-B
P
SIP-3L
1000
-B
NA
NA
NA
NA
AH182/AH183-PG-A
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
AH182/AH183-PG-B
P
SIP-3L
1000
-B
NA
NA
NA
NA
AH182/AH183-WL-7
W
SC59
NA
NA
3000/Tape & Reel
-7
NA
NA
AH182/AH183-WG-7
W
SC59
NA
NA
3000/Tape & Reel
-7
NA
NA
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
3. Ammo Box is for SIP-3L Spread Lead.
4. Bulk is for SIP-3L Straight Lead.
(1) SIP-3L
(2) SC59 (Commonly known as SOT23 in Asia)
1. Vdd
2. GND
3.
(Top view)
Output
1. Vdd
GND 2.
3. Output
(Top view)
Ordering Information
Pin Assignments
Pin Description
Pin Name
P/I/O
Pin #
Description
Vdd
P/I
1
Power Supply Input
GND
P
2
Ground
Output
O
3
Output Pin


Similar Part No. - AH182_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1822 DIODES-AH1822 Datasheet
230Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
AH1822 Rev. 5
AH1822-FT4G-7 DIODES-AH1822-FT4G-7 Datasheet
230Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
AH1822 Rev. 5
AH1822-FU4G-7 DIODES-AH1822-FU4G-7 Datasheet
230Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
AH1822 Rev. 5
AH1825-PL DIODES-AH1825-PL Datasheet
210Kb / 9P
   LOW POWER HALL EFFECT SWITCH
AH182/AH183 Rev. 2
AH1825-PLA DIODES-AH1825-PLA Datasheet
210Kb / 9P
   LOW POWER HALL EFFECT SWITCH
AH182/AH183 Rev. 2
More results

Similar Description - AH182_09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH182 ETC-AH182 Datasheet
189Kb / 6P
   Low power Hall Effect Switch
logo
Unisonic Technologies
UH8100 UTC-UH8100_15 Datasheet
142Kb / 4P
   LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_15 Datasheet
190Kb / 4P
   LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102_15 Datasheet
152Kb / 6P
   LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_11 Datasheet
165Kb / 5P
   LOW POWER HALL EFFECT SWITCH
logo
Diodes Incorporated
AH182 DIODES-AH182 Datasheet
210Kb / 9P
   LOW POWER HALL EFFECT SWITCH
AH182/AH183 Rev. 2
logo
Unisonic Technologies
UH8100 UTC-UH8100 Datasheet
153Kb / 6P
   LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102 Datasheet
138Kb / 7P
   LOW POWER HALL EFFECT SWITCH
logo
Texas Instruments
TMAG5231 TI-TMAG5231 Datasheet
1Mb / 27P
[Old version datasheet]   TMAG5231 Low-Power, Hall Effect Switch
NOVEMBER 2021
TMAG5231 TI-TMAG5231_V01 Datasheet
2Mb / 35P
[Old version datasheet]   TMAG5231 Low-Power, Hall Effect Switch
MARCH 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com