Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH180-PL-B Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AH180-PL-B
Description  MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH180-PL-B Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AH180-PL-B Datasheet HTML 5Page - Diodes Incorporated AH180-PL-B Datasheet HTML 6Page - Diodes Incorporated AH180-PL-B Datasheet HTML 7Page - Diodes Incorporated AH180-PL-B Datasheet HTML 8Page - Diodes Incorporated AH180-PL-B Datasheet HTML 9Page - Diodes Incorporated AH180-PL-B Datasheet HTML 10Page - Diodes Incorporated AH180-PL-B Datasheet HTML 11Page - Diodes Incorporated AH180-PL-B Datasheet HTML 12Page - Diodes Incorporated AH180-PL-B Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AH180
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
SWITCH
AH180
Document number: DS31023 Rev. 17 - 2
9 of 13
www.diodes.com
July 2010
© Diodes Incorporated
Package Outline Dimensions (All Dimensions in mm)
(1) Package Type: SIP-3L for Bulk pack
Active Area Depth
Sensor Location
12
3
2.00 +/-
0.10mm
1.15 +/-
0.10mm
0.51mm
NOM
BRANDED
SURFACE
Package Dimension


Similar Part No. - AH180-PL-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH180-P DIODES-AH180-P Datasheet
148Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
More results

Similar Description - AH180-PL-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1822 DIODES-AH1822 Datasheet
230Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
AH1822 Rev. 5
AH1804 DIODES-AH1804 Datasheet
196Kb / 9P
   MICROPOWER OMNIPOLAR HALL EFFECT SENSOR SWITCH
AH180 DIODES-AH180 Datasheet
148Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
logo
NANJING AH ELECTRONICS ...
AH3663 AHNJ-AH3663 Datasheet
643Kb / 8P
   Micropower Omnipolar Hall Sensor
logo
Honeywell Solid State E...
SL353 HONEYWELL-SL353 Datasheet
386Kb / 6P
   Micropower Omnipolar Digital Hall-Effect Sensor ICs
logo
NANJING AH ELECTRONICS ...
AH3661 AHNJ-AH3661 Datasheet
680Kb / 8P
   Micropower Omnipolar Hall Sensor
logo
Diodes Incorporated
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH1804-W-7 DIODES-AH1804-W-7 Datasheet
207Kb / 9P
   MICROPOWER OMNIPOLAR HALL EFFECT SENSORSWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com