Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH266K-PG-B-A Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AH266K-PG-B-A
Description  HIGH VOLTAGE HALL EFFECT LATCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH266K-PG-B-A Datasheet(HTML) 6 Page - Diodes Incorporated

  AH266K-PG-B-A Datasheet HTML 1Page - Diodes Incorporated AH266K-PG-B-A Datasheet HTML 2Page - Diodes Incorporated AH266K-PG-B-A Datasheet HTML 3Page - Diodes Incorporated AH266K-PG-B-A Datasheet HTML 4Page - Diodes Incorporated AH266K-PG-B-A Datasheet HTML 5Page - Diodes Incorporated AH266K-PG-B-A Datasheet HTML 6Page - Diodes Incorporated AH266K-PG-B-A Datasheet HTML 7Page - Diodes Incorporated AH266K-PG-B-A Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AH266
HIGH VOLTAGE HALL EFFECT LATCH
AH266 Rev. 4
6 of 8
MARCH 2009
www.diodes.com
© Diodes Incorporated
Operation Characteristics
Marking Side
S
Bhy
VSAT
VCC
Vd
Brp
Bop
0
S
N
(Magnetic Flux Density)
DO
High
Low
(SIP-4L)
N
Marking Information
266X
Part Number
( Top View )
Y WW X
X : Version : K
SIP-4L
X : Internal Code : a~z : Lead Free
Y : Year : 0~9
WW : Week : 01~52, "
52" represents
52 and 53 week
A~Z : Green


Similar Part No. - AH266K-PG-B-A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH266 ANACHIP-AH266 Datasheet
165Kb / 6P
   High Voltage Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH266 BCDSEMI-AH266 Datasheet
58Kb / 2P
   HIGH VOLTAGE HALL EFFECT LATCH
AH266 BCDSEMI-AH266 Datasheet
189Kb / 11P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
Diodes Incorporated
AH266 DIODES-AH266 Datasheet
215Kb / 7P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH266Z4-AE1 BCDSEMI-AH266Z4-AE1 Datasheet
58Kb / 2P
   HIGH VOLTAGE HALL EFFECT LATCH
More results

Similar Description - AH266K-PG-B-A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH266 UTC-UH266_15 Datasheet
183Kb / 5P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH266 BCDSEMI-AH266 Datasheet
58Kb / 2P
   HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278 Datasheet
59Kb / 2P
   HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278_07 Datasheet
183Kb / 11P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
Unisonic Technologies
UH266 UTC-UH266_16 Datasheet
145Kb / 5P
   HIGH VOLTAGE HALL EFFECT LATCH
UH266 UTC-UH266 Datasheet
177Kb / 5P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
Anachip Corp
AH266 ANACHIP-AH266 Datasheet
165Kb / 6P
   High Voltage Hall Effect Latch
logo
Diodes Incorporated
AH266 DIODES-AH266_13 Datasheet
215Kb / 7P
   HIGH VOLTAGE HALL EFFECT LATCH
AH278 DIODES-AH278 Datasheet
863Kb / 11P
   HIGH VOLTAGE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH266 BCDSEMI-AH266_07 Datasheet
189Kb / 11P
   HIGH VOLTAGE HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com