Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH284-PG-B Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AH284-PG-B
Description  HALL-EFFECT SMART FAN MOTOR CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH284-PG-B Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AH284-PG-B Datasheet HTML 2Page - Diodes Incorporated AH284-PG-B Datasheet HTML 3Page - Diodes Incorporated AH284-PG-B Datasheet HTML 4Page - Diodes Incorporated AH284-PG-B Datasheet HTML 5Page - Diodes Incorporated AH284-PG-B Datasheet HTML 6Page - Diodes Incorporated AH284-PG-B Datasheet HTML 7Page - Diodes Incorporated AH284-PG-B Datasheet HTML 8Page - Diodes Incorporated AH284-PG-B Datasheet HTML 9Page - Diodes Incorporated AH284-PG-B Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AH284
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284
Document number: DS31051 Rev. 11 - 2
7 of 10
www.diodes.com
June 2010
© Diodes Incorporated
Ordering Information
AH 284 - X G - X
Packing
B : Bulk
P : SIP-4L
Package
Green
Y : SOT89-5L
13 : Tape & Reel
G : Green (Note 4)
Device
Package
Code
Packaging
(Note 5, 6)
Bulk
13” Tape and Reel
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AH284-PG-B
P
SIP-4L
1000
-B
NA
NA
AH284-YG-13
Y
SOT89-5L
NA
NA
2500/Tape & Reel
-13
Notes:
4. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
5. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
6. Reverse taping as shown on Diodes Inc. Surface Mount (SMD) Packaging document AP02007, which can be found on our website
http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
(1) SIP-4L
284
Part Number
( Top View )
Y WW X
X : Internal Code : A~Z : Green
Y : Year : 0~9
WW : Week : 01~52, "
52" represents
52 and 53 week
(2) SOT89-5L
1
2
3
5
4
284 Y W X
( Top View )
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
X : Internal code
a~z : 27~52 week;
z represents 52 and 53 week
A~Z : Green


Similar Part No. - AH284-PG-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH284-P DIODES-AH284-P Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH284-PL-13 DIODES-AH284-PL-13 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH284-PL-7 DIODES-AH284-PL-7 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH284-PL-B DIODES-AH284-PL-B Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
More results

Similar Description - AH284-PG-B

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Anachip Corp
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH286 DIODES-AH286 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH284 DIODES-AH284 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH286 DIODES-AH286_10 Datasheet
90Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Anachip Corp
AH285 ANACHIP-AH285 Datasheet
201Kb / 9P
   Hall-Effect Smart Fan Motor Controller
AH284 ANACHIP-AH284 Datasheet
183Kb / 6P
   Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH285 DIODES-AH285_10 Datasheet
105Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com