Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH284-PG-B Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH284-PG-B
Description  HALL-EFFECT SMART FAN MOTOR CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH284-PG-B Datasheet(HTML) 4 Page - Diodes Incorporated

  AH284-PG-B Datasheet HTML 1Page - Diodes Incorporated AH284-PG-B Datasheet HTML 2Page - Diodes Incorporated AH284-PG-B Datasheet HTML 3Page - Diodes Incorporated AH284-PG-B Datasheet HTML 4Page - Diodes Incorporated AH284-PG-B Datasheet HTML 5Page - Diodes Incorporated AH284-PG-B Datasheet HTML 6Page - Diodes Incorporated AH284-PG-B Datasheet HTML 7Page - Diodes Incorporated AH284-PG-B Datasheet HTML 8Page - Diodes Incorporated AH284-PG-B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AH284
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284
Document number: DS31051 Rev. 11 - 2
4 of 10
www.diodes.com
June 2010
© Diodes Incorporated
Electrical Characteristics (TA = 25 °C, Vdd = 12V, unless otherwise specified)
Symbol
Characteristics
Conditions
Min
Typ.
Max
Unit
Idd
Supply Current
Operating
-
2.0
4.0
mA
IOFF
Output Leakage Current
VOUT = 24V
-
< 0.1
10
μA
TRLP-ON
Rotor Lock Protection On Time
0.4
0.5
0.6
Sec
TRLP-OFF
Rotor Lock Protection Off Time
2.4
3
3.6
Sec
VOUT(SAT)
Output Saturation Voltage
IO = 300mA
-
375
500
mV
IO = 500mA
-
625
900
RDS(ON)
Output On Resistance
IO = 300mA
-
1.25
1.67
ohm
VZ
Output Zener-Breakdown Voltage
35
42
60
V
Truth Table
IN-
IN+
CT
OUT1
OUT2
Mode
H
L
L
H
L
Rotating
L
H
L
L
H
Rotating
-
-
H
off
off
Lockup protection activated
Magnetic Characteristics (TA = 25 °C, Vdd = 12V, unless otherwise specified, Note 3)
(1mT = 10 Gauss)
Symbol
Characteristics
Min
Typ.
Max
Unit
Bop
Operation Point
10
30
60
Gauss
Brp
Release Point
-60
-30
-10
Gauss
Bhy
Hysteresis
-
60
-
Gauss
Notes:
3. The magnetic characteristics may vary with supply voltage, operating temperature and after soldering.


Similar Part No. - AH284-PG-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH284-P DIODES-AH284-P Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH284-PL-13 DIODES-AH284-PL-13 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH284-PL-7 DIODES-AH284-PL-7 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH284-PL-B DIODES-AH284-PL-B Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
More results

Similar Description - AH284-PG-B

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Anachip Corp
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH286 DIODES-AH286 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH284 DIODES-AH284 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH286 DIODES-AH286_10 Datasheet
90Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Anachip Corp
AH285 ANACHIP-AH285 Datasheet
201Kb / 9P
   Hall-Effect Smart Fan Motor Controller
AH284 ANACHIP-AH284 Datasheet
183Kb / 6P
   Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH285 DIODES-AH285_10 Datasheet
105Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com