Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH337-PG-B Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AH337-PG-B
Description  SINGLE PHASE HALL EFFECT SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH337-PG-B Datasheet(HTML) 6 Page - Diodes Incorporated

  AH337-PG-B Datasheet HTML 1Page - Diodes Incorporated AH337-PG-B Datasheet HTML 2Page - Diodes Incorporated AH337-PG-B Datasheet HTML 3Page - Diodes Incorporated AH337-PG-B Datasheet HTML 4Page - Diodes Incorporated AH337-PG-B Datasheet HTML 5Page - Diodes Incorporated AH337-PG-B Datasheet HTML 6Page - Diodes Incorporated AH337-PG-B Datasheet HTML 7Page - Diodes Incorporated AH337-PG-B Datasheet HTML 8Page - Diodes Incorporated AH337-PG-B Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AH337
SINGLE PHASE HALL EFFECT SWITCH
AH337
Document number: DS31050 Rev. 9 - 2
6 of 9
www.diodes.com
July 2010
© Diodes Incorporated
Marking Information
(1) SIP-3L
337
Part Number
(Top View)
X : Internal Code : A~Z : Green
Y : Year : 0~9
WW : Week : 01~52, "52" represents
52 and 53 week
Y WW X
a~z : Lead Free
(2) SC59 (Commonly known as SOT23 in Asia)
XX Y W X
(Top View)
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Green
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
a~z : Lead Free
Part Number
Package
Identification Code
AH337
SC59
P1


Similar Part No. - AH337-PG-B

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH337-L ANACHIP-AH337-L Datasheet
255Kb / 8P
   Single Phase Hall Effect Switch
AH337-LA ANACHIP-AH337-LA Datasheet
255Kb / 8P
   Single Phase Hall Effect Switch
More results

Similar Description - AH337-PG-B

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH337 ANACHIP-AH337 Datasheet
255Kb / 8P
   Single Phase Hall Effect Switch
logo
Diodes Incorporated
ATS137 DIODES-ATS137 Datasheet
189Kb / 10P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 4
logo
Anachip Corp
ATS137 ANACHIP-ATS137 Datasheet
202Kb / 7P
   Single Hall Effect Switch
logo
Diodes Incorporated
ATS137 DIODES-ATS137_10 Datasheet
202Kb / 12P
   SINGLE HALL EFFECT SWITCH
ATS137 Rev. 10
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
AH375-WL-7 DIODES-AH375-WL-7 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
Anachip Corp
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
   SINGLE PHASE HALL EFFECT LATCH
AH477 BCDSEMI-AH477_09 Datasheet
588Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH477A DIODES-AH477A Datasheet
847Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com